전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4757 데이터시트(PDF) 1 Page - Formosa MS

부품명 1N4757
상세설명  1W ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N4757 데이터시트(HTML) 1 Page - Formosa MS

  1N4757 Datasheet HTML 1Page - Formosa MS 1N4757 Datasheet HTML 2Page - Formosa MS 1N4757 Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 8
8
9
54458
4
1 
5
8
7
!+8
8
8
97
4!97
4)
1 /48
7
+0)
1$&5
62
3""5
4)
5
1 ,"45
7
8
46"45
7
'5
4+-
66*7
7.60*
1 7
5
446"45
7
'5
4+-
66*7
7.60*
1 59"98
7
8
4
845
7
49'5
5
47!%09
:;
<=>
?@
=A;BCA?A=>
<?@
D>
@
=DEFGHBIJ;
<DDK>
C<?L@
D<MN<=@
O
@
<P
* 45
8
8
"7
8


.)
0/
3Q.00*
455

'5
4*'5
5
47
R

444%
45
6
S48
7
94
.00*T
/
U7
4.
 4545
7
8

V
5
6.00*
77
.06/T
*
WXY
Z[2
.5]
8
"5
8
47
74
497
5
478
7
94
V.066V
5
6945
44"7768
47
7
46"45
7
'5
4)
^ _`
abcdefhijkabcdlc
am nobojpq
rpos
tuvwuxy{|
}~€~‚„…†‡
ˆ
‰‚
Š‹Œ
Ž
Š
‘’“
”’“
’
’–—‘“˜’™š

›
›

‘œ
‘
“ž
ŽŸ
 š
¡¢Ÿ
ž
£¤
¥Ÿ
ŽŸ
 š
¡¢Ÿ
ž
£¤
¥Ÿ
Ÿ
¡ ¢š
¢Ÿ
¡ž
Ÿ
Ž¦¦š
Ÿ
¡ž
Ÿ
 §š
Ÿ
¨ž
Ÿ
 ¡©š
Ÿ
ªž
Ÿ
Ž ªš
¡Ÿ
ªž
Ÿ
 © š
¡Ÿ
 ž
Š¤
«Ÿ
Š¤
«Ÿ
¬‚~†
…­‚®
¯‚°~‰ˆ
~‡±~†
~
¯~²ˆ
³…³ ­~†
ˆ
‰®
´µ¶·¹
»¼
¼
½¾
¿
¿
ÀÀÀÁ
Â
ÃÄÅÃƵÅÆÁ
ÇÃÅ¿
ÈÉʾ
ËËÌÍÎÍÎÎÌÏÌÌ̹
ÐÑÒ¾
ËËÌÍÎÍÎÎÌÏ̹ӹ
ÔÃÇÕÅ·Ö¼×
Ô
×
ÆÆÕ·ØÔµ¼
·
Ù·ÚÛ
Æ·ØÔµ¼
· Ù·ÚÛ
ÆÛ
ÃÖ
´µ¶·Á
ÔÜÍÎÎÎËÝÞ
ÎÝÝË¿
Ýο
¹Ý
Îݹݿ
ÝÞ¿
¹Ý
ß
Þ
DO-41 Molded plastic
High peak reverse power dissipation
High reliability
1 *4+
深圳FMS
Kinter
131
6803
0058


유사한 부품 번호 - 1N4757

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
1N4757 CHENDA-1N4757 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Surge Components
1N4757 SURGE-1N4757 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4757 JINANJINGHENG-1N4757 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4757 NJSEMI-1N4757 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Bytesonic Electronics C...
1N4757 BYTESONIC-1N4757 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
More results

유사한 설명 - 1N4757

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com