전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4761 데이터시트(PDF) 3 Page - Formosa MS

부품명 1N4761
상세설명  1W ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N4761 데이터시트(HTML) 3 Page - Formosa MS

  1N4761 Datasheet HTML 1Page - Formosa MS 1N4761 Datasheet HTML 2Page - Formosa MS 1N4761 Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0123457
7
7012382
9
    4   !
"#$%&')*+,"#$%-$
". /0#0+12
3104
567869:<=
>?@AC
EF
F
GH
I
I
JJJK
L
MNOMP?OPK
QMOI
RSTH
UUVWXWXXVYVVVZ
[\]H
UUVWXWXXVYVZ^Z
_MQ`OAaFb
_
b
PP`Ac_?F
A
dAef
PAc_?F
A dAef
Pf
Ma
>?@AK
_gWXXXUhC
XhhUI
hXI
Zh
XhZhI
hCI
Zh
i
C
深圳FMS
Kinter
131
6803
0058


유사한 부품 번호 - 1N4761

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
1N4761 CHENDA-1N4761 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Surge Components
1N4761 SURGE-1N4761 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4761 JINANJINGHENG-1N4761 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4761 NJSEMI-1N4761 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Bytesonic Electronics C...
1N4761 BYTESONIC-1N4761 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
More results

유사한 설명 - 1N4761

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com