전자부품 데이터시트 검색엔진 |
|
AD9058 데이터시트(PDF) 2 Page - Analog Devices |
|
AD9058 데이터시트(HTML) 2 Page - Analog Devices |
2 / 11 page REV. –2– AD9058–SPECIFICATIONS ELECTRICAL CHARACTERISTICS [ VS = 5 V; VREF = 2 V (internal); ENCODE = 40 MSPS; AIN = 0 V to 2 V; –VREF = GROUND, unless otherwise noted.] 1 All specifications apply to either of the two ADCs. Test AD9058AJD/AJJ AD9058AKD/AKJ Parameter Temp Level Min Typ Max Min Typ Max Unit RESOLUTION 8 8 Bits DC ACCURACY Differential Nonlinearity 25 °C I 0.25 0.65 0.25 0.5 LSB Full VI 0.8 0.7 LSB Integral Nonlinearity 25 °C I 0.5 1.3 0.5 1.0 LSB Full VI 1.4 1.25 LSB No Missing Codes Full VI Guaranteed Guaranteed ANALOG INPUT Input Bias Current 25 °C I 75 170 75 170 μA Full VI 340 340 μA Input Resistance 25 °C I 12 28 12 28 k Ω Input Capacitance 25 °CIV 10 15 10 15 pF Analog Bandwidth 25 °C V 175 175 MHz REFERENCE INPUT Reference Ladder Resistance 25 °C I 120 170 220 120 170 220 Ω Full VI 80 270 80 270 Ω Ladder Tempco Full V 0.45 0.45 Ω/°C Reference Ladder Offset 25 °CI 8 16 8 16 mV (Top) Full VI 24 24 mV Reference Ladder Offset 25 °CI 8 23 8 23 mV (Bottom) Full VI 33 33 mV Offset Drift Coefficient Full V 50 50 μV/°C INTERNAL VOLTAGE REFERENCE Reference Voltage 25 °C I 1.95 2.0 2.20 1.95 2.0 2.20 V Full VI 1.90 2.25 1.90 2.25 V Temperature Coefficient Full V 150 150 μV/°C Power Supply Rejection Ratio (PSRR) 25 °C I 10 25 10 25 mV/V SWITCHING PERFORMANCE Maximum Conversion Rate 2 25 °C I 50 50 60 MSPS Aperture Delay (tA)25 °C IV 0.1 0.8 1.5 0.1 0.8 1.5 ns Aperture Delay Matching 25 °C IV 0.2 0 5 0.2 0.5 ns Aperture Uncertainty (Jitter) 25 °C V 10 10 ps, rms Output Delay (Valid) (tV) 2 25 °CI 8 5 8 ns Output Delay (tV) Tempco Full V 16 16 ps/ °C Propagation Delay (tPD) 2 25 °C I 12 12 19 ns Propagation Delay (tPD) Tempco Full V –16 –16 ps/ °C Output Time Skew 25 °CV 1 1 ns ENCODE INPUT Logic “1” Voltage Full VI 2 2 V Logic “0” Voltage Full VI 0.8 0.8 V Logic “1” Current Full VI 600 600 μA Logic “0” Current Full VI 1000 1000 μA Input Capacitance 25 °CV 5 5 pF Pulsewidth (High) 25 °CI 8 8 ns Pulsewidth (Low) 25 °CI 8 8 ns E |
유사한 부품 번호 - AD9058 |
|
유사한 설명 - AD9058 |