전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8044ARZ-14-REEL7 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8044ARZ-14-REEL7
상세설명  Quad 150 MHz Rail-to-Rail Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8044ARZ-14-REEL7 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8044ARZ-14-REEL7 Datasheet HTML 7Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 8Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 9Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 10Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 11Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 12Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 13Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 14Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD8044
5V
0V
100 s
500mV
0.211V
VS = +5V
RL = 150 TO +2.5V
CL = 5pF
G = –1
4.656V
2.5V
Figure 28a. Output Swing vs. Load Reference Voltage,
VS = +5 V, G = –1
5V
2.5V
100 s
500mV
VS = +5V
RL = 150 TO GND
CL = 5pF
G = –1
4.309V
+10mV
Figure 28b. Output Swing vs. Load Reference Voltage,
VS = +5 V, G = –1
4.5V
3.5V
2.5V
1.5V
0.5V
20ns
500mV
VS = +5V
G = +2
RL = 2k
VIN = 1V p-p
CL = 5pF
Figure 29. One Volt Step Response, VS = +5 V, G = +2
2.6V
2.55V
2.5V
2.45V
2.4V
VS = +5V
G = +1
RL = 2k
CL = 5pF
40ns
50mV
Figure 30. 100 mV Step Response, VS = +5 V, G = +1
3V
2.5V
2V
1.5V
1V
0.5V
0V
200 s
500mV
VIN = 3V p-p
RL = 2k
CL = 5pF
VS = +3V
G = –1
+22mV
+2.920V
Figure 31. Output Swing, VS = +3 V
1.56V
1.52V
1.48V
1.44V
1.40V
1.42V
1.46V
1.50V
1.54V
20ns
20mV
VIN = 0.1V p-p
RL = 2k
CL = 5pF
VS = +3V
G = +1
1.58V
1.60V
Figure 32. Step Response, G = +1, VIN = 100 mV
–10–
REV. B


유사한 부품 번호 - AD8044ARZ-14-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8044ARZ-14-REEL7 AD-AD8044ARZ-14-REEL7 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ARZ-14-REEL7 AD-AD8044ARZ-14-REEL7 Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
More results

유사한 설명 - AD8044ARZ-14-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044_04 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com