전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9223AR 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD9223AR
상세설명  Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9223AR 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD9223AR Datasheet HTML 3Page - Analog Devices AD9223AR Datasheet HTML 4Page - Analog Devices AD9223AR Datasheet HTML 5Page - Analog Devices AD9223AR Datasheet HTML 6Page - Analog Devices AD9223AR Datasheet HTML 7Page - Analog Devices AD9223AR Datasheet HTML 8Page - Analog Devices AD9223AR Datasheet HTML 9Page - Analog Devices AD9223AR Datasheet HTML 10Page - Analog Devices AD9223AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–7–
CODE
1.0
0.4
–0.6
0
4095
0.8
0.6
0.0
–0.4
0.2
–0.2
–0.8
–1.0
TPC 10. Typical DNL
FREQUENCY – MHz
80
75
40
0.1
1.0
10.0
70
65
45
60
55
50
–0.5dB
–6.0dB
–20.0dB
TPC 13. SINAD vs. Input Frequency
(Input Span = 2.0 V p-p, VCM = 2.5 V)
FREQUENCY – MHz
–50
–55
–90
0.1
1.0
10.0
–60
–65
–85
–70
–75
–80
–20.0dB
–6.0dB
–0.5dB
–95
–100
TPC 16. THD vs. Input Frequency
(Input Span = 5.0 V p-p, VCM = 2.5 V)
CODE
1.0
0.4
–1.0
0
4095
0.8
0.6
0.0
–0.8
0.2
–0.6
–0.2
–0.4
0
TPC 11. Typical INL
FREQUENCY – MHz
–50
–55
–90
0.1
1.0
10.0
–60
–65
–85
–70
–75
–80
–20.0dB
–6.0dB
–0.5dB
–95
–100
TPC 14. THD vs. Input Frequency
(Input Span = 2.0 V p-p, VCM = 2.5 V)
SAMPLE RATE – MSPS
–60
–65
–100
0.4
0.8
4
–70
–75
–95
–80
–85
–90
0.6
1
2
3
5 6
5V p-p
2V p-p
TPC 17. THD vs. Sample Rate
(AIN = –0.5 dB, fIN = 500 kHz,
VCM = 2.5 V)
CODE
96,830
8,123,672
130,323
N–1
N
N+1
TPC 12. “Grounded-Input”
Histogram (Input Span = 2 V p-p)
FREQUENCY – MHz
80
75
40
0.1
1.0
10.0
70
65
45
60
55
50
–0.5dB
–6.0dB
–20.0dB
TPC 15. SINAD vs. Input Frequency
(Input Span = 5.0 V p-p, VCM = 2.5 V)
AIN – dBFS
100
90
30
–60
–40
0
–20
70
60
40
50
80
20
10
–50
–30
–10
SFDR
SNR
TPC 18. SNR/SFDR vs. AIN (Input
Amplitude) (fIN = 1.5 MHz, Input
Span = 2 V p-p, VCM = 2.5 V)
AD9223–Typical Performance Characteristics (AVDD = 5 V, DVDD = 5 V, f
SAMPLE = 3.0 MSPS, TA = 25 C)


유사한 부품 번호 - AD9223AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9223AR AD-AD9223AR Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223AR AD-AD9223AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223AR AD-AD9223AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223AR AD-AD9223AR Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9223AR AD-AD9223AR Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
More results

유사한 설명 - AD9223AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9221ARSZ AD-AD9221ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9200ARSZ AD-AD9200ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221 Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221ARZ-REEL AD-AD9221ARZ-REEL Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com