전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1820-0000-000N0HQ450H 데이터시트(PDF) 1 Page - Cree, Inc

부품명 CXA1820-0000-000N0HQ450H
상세설명  LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1820-0000-000N0HQ450H 데이터시트(HTML) 1 Page - Cree, Inc

  CXA1820-0000-000N0HQ450H Datasheet HTML 1Page - Cree, Inc CXA1820-0000-000N0HQ450H Datasheet HTML 2Page - Cree, Inc CXA1820-0000-000N0HQ450H Datasheet HTML 3Page - Cree, Inc CXA1820-0000-000N0HQ450H Datasheet HTML 4Page - Cree, Inc CXA1820-0000-000N0HQ450H Datasheet HTML 5Page - Cree, Inc CXA1820-0000-000N0HQ450H Datasheet HTML 6Page - Cree, Inc CXA1820-0000-000N0HQ450H Datasheet HTML 7Page - Cree, Inc CXA1820-0000-000N0HQ450H Datasheet HTML 8Page - Cree, Inc CXA1820-0000-000N0HQ450H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product family data sheet
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa1820 led
Product descriPtion
The XLamp CXA1820 LeD array
expands Cree’s family of high‑flux,
multi-die
arrays,
offering
high
performance in an easy-to-use
platform. With XLamp lighting-class
reliability, the CXA1820’s uniform
emitting
surface
enables
both
directional
and
non-directional
lighting applications and luminaire
designs. Available in 2-step and
4-step
color
consistency,
and
featuring a 12-mm optical source,
the CXA1820 brings new levels of
flux and efficacy to this form factor.
features
• Available in 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K and
5000 K CCT
• Available in ANSI white bins at
4000 K and 5000 K CCT
• Available in 70-, 80-, 90- and
93-minimum CRI options
• Forward voltage: 37 v
• 85 °C binning and
characterization
• maximum drive current:
1050 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux
bins
table of contents
Characteristics .............................. 2
operating Limits............................ 2
Flux Characteristics, easyWhite
order Codes and Bins .................... 3
Flux Characteristics, ANSI White
order Codes and Bins .................... 5
Relative Spectral power Distribution . 6
electrical Characteristics................. 6
Relative Luminous Flux................... 7
Typical Spatial Distribution.............. 8
performance Groups - Brightness..... 8
performance Groups - Chromaticity.. 9
Cree easyWhite Bins plotted on the
1931 CIe Color Space ...................10
Cree ANSI White Bins plotted on
the 1931 CIe Color Space ..............11
Bin and order Code Formats ..........12
mechanical Dimensions..................12
Thermal Design............................13
Notes..........................................14
packaging....................................15


유사한 부품 번호 - CXA1820-0000-000N0HQ450H

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1821 SONY-CXA1821 Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
More results

유사한 설명 - CXA1820-0000-000N0HQ450H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
logo
Ohmite Mfg. Co.
RES-30 OHMITE-RES-30 Datasheet
229Kb / 3P
   Ohmite Manufacturing?셲 family of High Energy
logo
Cree, Inc
CGD15HB62LP CREE-CGD15HB62LP Datasheet
439Kb / 8P
   Optimized for Cree?셲 High Performance
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com