전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH9250L 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 SFH9250L
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFH9250L 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  SFH9250L Datasheet HTML 1Page - Fairchild Semiconductor SFH9250L Datasheet HTML 2Page - Fairchild Semiconductor SFH9250L Datasheet HTML 3Page - Fairchild Semiconductor SFH9250L Datasheet HTML 4Page - Fairchild Semiconductor SFH9250L Datasheet HTML 5Page - Fairchild Semiconductor SFH9250L Datasheet HTML 6Page - Fairchild Semiconductor SFH9250L Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH9250L
P-CHANNEL
POWER MOSFET
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =LL IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
DS
90%
10%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
-5V
Q
g
Q
gs
Q
gd
V
DD
V
DS
BV
DSS
V
DD
I
AS
V
DS (t)
I
D (t)
t
p
Time
V
DD
( 0.5 rated V
DS )
-5V
V
DS
R
L
DUT
R
G
-3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
-5V
DUT
R
G
L
I
D


유사한 부품 번호 - SFH9250L

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9201-2/3 OSRAM-SFH9201-2/3 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9201-3/4 OSRAM-SFH9201-3/4 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9202 OSRAM-SFH9202 Datasheet
321Kb / 11P
   Reflexlichtschranke Reflective Interrupter
SFH9202-2/3 OSRAM-SFH9202-2/3 Datasheet
321Kb / 11P
   Reflexlichtschranke Reflective Interrupter
More results

유사한 설명 - SFH9250L

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com