전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFM9014 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 SFM9014
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFM9014 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  SFM9014 Datasheet HTML 1Page - Fairchild Semiconductor SFM9014 Datasheet HTML 2Page - Fairchild Semiconductor SFM9014 Datasheet HTML 3Page - Fairchild Semiconductor SFM9014 Datasheet HTML 4Page - Fairchild Semiconductor SFM9014 Datasheet HTML 5Page - Fairchild Semiconductor SFM9014 Datasheet HTML 6Page - Fairchild Semiconductor SFM9014 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SFM9014
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS
= 0 V
2. I
D
= -250
µA
T
J
, Junction Temperature [
oC]
-75
-50
-25
0
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
2.5
@ Notes :
1. V
GS
= -10 V
2. I
D
= -3.4 A
T
J
, Junction Temperature [
oC]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
0.01 ms
10 ms
DC
1 ms
0.1 ms
@ Notes :
1. T
C
= 25
oC
2. T
J
= 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
-V
DS , Drain-Source Voltage
[V]
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
T
c , Case Temperature
[
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
0
10
1
10
2
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. Z
θ JC
(t)=45
o C/W Max.
2. Duty Factor, D=t
1
/t
2
3. T
JM
-T
C
=P
DM
*Z
θ JC
(t)
t
1
, Square Wave Pulse Duration
[sec]
P-CHANNEL
POWER MOSFET
Fig 7. Breakdown Voltage vs. Temperature
Fig 8. On-Resistance vs. Temperature
Fig 11. Thermal Response
Fig 10. Max. Drain Current vs. Case Temperature
Fig 9. Max. Safe Operating Area
P
DM
.
t
1.
t
2.


유사한 부품 번호 - SFM9014

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SFM900 ETC-SFM900 Datasheet
26Kb / 2P
   SFM900
More results

유사한 설명 - SFM9014

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com