전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2540-0000-000N00V440H 데이터시트(PDF) 8 Page - Cree, Inc

부품명 CXA2540-0000-000N00V440H
상세설명  Retail Track Light Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00V440H 데이터시트(HTML) 8 Page - Cree, Inc

Back Button CXA2540-0000-000N00V440H Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N00V440H Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N00V440H Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00V440H Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00V440H Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00V440H Datasheet HTML 9Page - Cree, Inc CXA2540-0000-000N00V440H Datasheet HTML 10Page - Cree, Inc CXA2540-0000-000N00V440H Datasheet HTML 11Page - Cree, Inc CXA2540-0000-000N00V440H Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
figure 5: cXA2530 retail track light reflector
4. CALCuLATE ThE numbER of LEDs nEEDED
The dual purpose of this reference design is to show that a single LeD package can deliver equivalent lighting utility and
superior performance compared to existing 39-w CmH lamps on the market and show that it is possible to produce a
narrow-beam retail track light based on the XLamp CXA2530 LeD. The CXA2530 LeD is a multi-chip LeD package that
can offer the required CBCP with new levels of LED-to-LED color consistency and efficiency. The new XLamp CXA2530
LeD is 34% brighter than the original CXA2011,10 which can enable superior LeD lighting designs even more quickly.
we selected a warm white LeD for this reference design, shown highlighted in yellow in Table 7. By choosing an LeD
from a mid-level flux bin, we ensured that the design uses an LED that is readily available.
Color
CCT
Range
base order Codes
min. Luminous flux
@ 800 mA
2-step order Code
4-step order Code
group
flux
(lm) @
85 °C
flux
(lm) @
25 °C*
Chromaticity
Region
Chromaticity
Region
easywhite
4000K
T2
3200
3609
40H
CXA2530-0000-000N00T240H
40F
CXA2530-0000-000N00T240F
T4
3440
3879
CXA2530-0000-000N00T440H
CXA2530-0000-000N00T440F
U2
3680
4150
CXA2530-0000-000N00U240H
CXA2530-0000-000N00U240F
3500K
S4
2990
3372
35H
CXA2530-0000-000N00S435H
35F
CXA2530-0000-000N00S435F
T2
3200
3609
CXA2530-0000-000N00T235H
CXA2530-0000-000N00T235F
T4
3440
3879
CXA2530-0000-000N00T435H
CXA2530-0000-000N00T435F
3000K
S4
2990
3372
30H
CXA2530-0000-000N00S430H
30F
CXA2530-0000-000N00S430F
T2
3200
3609
CXA2530-0000-000N00T230H
CXA2530-0000-000N00T230F
2700K
S2
2780
3135
27H
CXA2530-0000-000N00S227H
27F
CXA2530-0000-000N00S227F
S4
2990
3372
CXA2530-0000-000N00S427H
CXA2530-0000-000N00S427F
T2
3200
3609
CXA2530-0000-000N00T227H
CXA2530-0000-000N00T227F
Table 7: CXA2530 LED order codes
10 measured at 1 A, junction temperature (T
J)
= 85 °C


유사한 부품 번호 - CXA2540-0000-000N00V440H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2540-0000-000N00V440H CREE-CXA2540-0000-000N00V440H Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

유사한 설명 - CXA2540-0000-000N00V440H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
   Cree/NXP Task Light Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com