전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFP9644 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 SFP9644
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFP9644 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  SFP9644 Datasheet HTML 1Page - Fairchild Semiconductor SFP9644 Datasheet HTML 2Page - Fairchild Semiconductor SFP9644 Datasheet HTML 3Page - Fairchild Semiconductor SFP9644 Datasheet HTML 4Page - Fairchild Semiconductor SFP9644 Datasheet HTML 5Page - Fairchild Semiconductor SFP9644 Datasheet HTML 6Page - Fairchild Semiconductor SFP9644 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P-CHANNEL
POWER MOSFET
Electrical Characteristics (T
C=25
oC unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain( “ Miller “ ) Charge
g
fs
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Q
g
Q
gs
Q
gd
BV
DSS
∆BV/∆T
J
V
GS(th)
R
DS(on)
I
GSS
I
DSS
V
V/
oC
V
nA
µA
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
V
GS=0V,ID=-250µA
I
D=-250µA
See Fig 7
V
DS=-5V,ID=-250µA
V
GS=-30V
V
GS=30V
V
DS=-250V
V
DS=-200V,TC=125
oC
V
GS=-10V,ID=-4.3A
V
DS=-40V,ID=-4.3A
V
DD=-125V,ID=-8.6A,
R
G=9.1Ω
See Fig 13
V
DS=-200V,VGS=-10V,
I
D=-8.6A
See Fig 6 & Fig 12
Drain-to-Source Leakage Current
V
GS=0V,VDS=-25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
I
S
I
SM
V
SD
t
rr
Q
rr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
µC
Integral reverse pn-diode
in the MOSFET
T
J=25
oC,I
S=-8.6A,VGS=0V
T
J=25
oC,I
F=-8.6A
di
F/dt=100A/µs
O
4
O
4
O
4
O
4
O
1
O
4
O
4
O
5
O
5
SFP9644
-250
--
-2.0
--
--
--
--
--
-0.22
--
--
--
--
--
175
65
14
21
47
18
45
8.7
23.4
--
--
-4.0
-100
100
-10
-100
0.8
--
1565
265
100
40
50
105
45
58
--
--
5.8
1205
--
--
--
210
1.82
-8.6
-34
-5.0
--
--
Notes ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=10mH, I
AS=-8.6A, VDD=-50V, RG=27Ω*, Starting T J =25
oC
I
SD
-8.6A, di/dt
450A/
µs, V
DD
BV
DSS , Starting T J =25
oC
Pulse Test : Pulse Width = 250
µs, Duty Cycle 2%
Essentially Independent of Operating Temperature
<
_
<
_
<
_
<
_
O
1
O
2
O
3
O
4
O
5


유사한 부품 번호 - SFP9644

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SFP9640 FAIRCHILD-SFP9640 Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFP9640L FAIRCHILD-SFP9640L Datasheet
224Kb / 7P
   Advanced Power MOSFET
More results

유사한 설명 - SFP9644

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com