전자부품 데이터시트 검색엔진 |
|
CXA1507-0000-000N0UE20E7 데이터시트(PDF) 9 Page - Cree, Inc |
|
CXA1507-0000-000N0UE20E7 데이터시트(HTML) 9 Page - Cree, Inc |
9 / 17 page Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks of Cree, Inc. . 9 XLamp CXa1507 LED tyPical sPatial distribution Performance grouPs - brightness (i f = 200 ma, tJ = 85 °c) XLamp CXA1507 LEDs are tested for luminous flux and placed into one of the following bins. group code min. luminous flux @ 200 ma max. luminous flux @ 200 ma C4 475 510 D2 510 550 D4 550 590 e2 590 635 e4 635 680 F2 680 730 F4 730 780 G2 780 840 G4 840 900 H2 900 970 Far Field 0% 20% 40% 60% 80% 100% -90 -70 -50 -30 -10 10 30 50 70 90 Angle (º) |
유사한 부품 번호 - CXA1507-0000-000N0UE20E7 |
|
유사한 설명 - CXA1507-0000-000N0UE20E7 |