전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0-1102855-2 데이터시트(PDF) 43 Page - List of Unclassifed Manufacturers

부품명 0-1102855-2
상세설명  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

0-1102855-2 데이터시트(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 0-1102855-2 Datasheet HTML 39Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 40Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 41Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 42Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 43Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 44Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 45Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 46Page - List of Unclassifed Manufacturers 0-1102855-2 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
41
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Bezeichnung
Description
1-1105653-8
2-1105653-8
3-1105653-8
4-1105653-8
1-1105850-8
1-1105652-8
2-1105652-8
0-1102855-5
2,5-70mm2
2,5-16mm2
6+25mm2
10+16mm2
alle Querschnitte
all cross sections
HSS-CSZ.2,5-70mm2
CB-HSS-CSZ.6mm2
CB-HSS-CSZ.10mm2
CB-HSS-CSZ.16mm2
RSZ.BAS
RSZ.LC 6+25 mm2
RSZ.LC 10+16 mm2
AWZG-HSS-RSZ
Bestell-Nr.
Order No.
Querschnitt mm2
Cross section mm2
Bestelltext
Designation
Werkzeuge für Crimptechnik HSS Serie/Crimping tools HSS series
Crimpzange ohne Crimpbacken
Crimping tool without crimping jaws
Crimpbacken für HSM, HSL, HSS
Crimping jaws for HSM, HSL, HSS
Locator
Locator
Ausdrückwerkzeug HSS/AIR
Extraction tool HSS/AIR
Bezeichnung
Description
3-1105150-1
4-1105150-1
5-1105150-1
3-1105150-2
4-1105150-2
5-1105150-2
3-1105151-1
4-1105151-1
5-1105151-1
3-1105151-2
4-1105151-2
5-1105151-2
6,0
10
16
6,0
10
16
6,0
10
16
6,0
10
16
Stiftkontakt versilbert
Pin contact silver plated
Stiftkontakt vergoldet
Pin contact gold plated
Buchsenkontakt versilbert
Socket contact silver plated
Buchsenkontaktvergoldet
Socket contact gold plated
Bestell-Nr.
Order No.
Maße mm2
Dimensions mm2
Bestelltext
Designation
Crimpkontakte HSS Serie/Crimp contacts HSS series
63A
Werkstoff: Kupferlegierung
Material: Copper alloy
Oberfläche:
Finish:
- hartversilbert, 2,5 - 16 mm
2
- hard silver, 2,5 - 16 mm
2
- hartvergoldet, 6 - 16 mm
2
- hard gold, 6 - 16 mm
2
Durchgangswiderstand:
≤1mΩ
Contact resistance:
≤1mΩ
Crimpanschluss:
Crimp terminal :
- mm
2
2,5 - 16 mm
2
- mm
2
2,5 - 16 mm
2
- AWG
14 - 4
- AWG
14 - 4
HSS – Gedrehte Crimpkontakte/Screw machined crimp contacts
Querschnittskennzeichnung/Designation of cross section
Kennzeichnung
Leiterquerschnitt
Abisolierlänge der
Litze
Designation
Wire cross section
Stripping length
6,0 mm
2
12 mm
10 mm
2
12 mm
16 mm
2
12 mm
ø5
12
34
ø8.7
ø8.7
12
28.5
Buchsenkontakt/Socket contact
ø5
12
34
ø8.7
ø8.7
12
28.5
Stiftkontakt/Pin contact
Crimpzange ohne Locator und Matrize
Crimping tool without locator and die


유사한 부품 번호 - 0-1102855-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-4 TEC-0-1102700-4 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

유사한 설명 - 0-1102855-2

제조업체부품명데이터시트상세설명
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com