전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1105100-2 데이터시트(PDF) 55 Page - List of Unclassifed Manufacturers

부품명 4-1105100-2
상세설명  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-1105100-2 데이터시트(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button 4-1105100-2 Datasheet HTML 51Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 52Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 53Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 54Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 55Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 56Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 57Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 58Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
53
HIP.3/4, HIP-K.3/4, EMV-K.3/4 Gehäuse/Housings
Baugröße/Size 1
HIP: Druckdicht, silbergrau, HIP-K: Korrosionsgeschützt, schwarz
EMV-K: Schutz gegen elektromagnetische Beeinflussung, druckdicht, korrosionsgeschützt, schwarz
HIP: Pressure-tight, silver-grey, HIP-K: Housings corrosion-resistant, black
EMV-K: Protection against electro-magnetic interference, pressure-tight, housings corrosion-resistant, black
Schraubverriegelung am Oberteil/Screw lock on hood
IP 68
HIP
HIP.3/4.STO.1.11.G
HIP.3/4.STO.1.M16.G
HIP-K
HIP-K.3/4.STO.1.11.G
HIP-K.3/4.STO.1.M16.G
HIP-K.3/4.STO.1.M20.G
EMV-K
EMV-K.3/4.STO.1.11.G
EMV-K.3/4.STO.1.M16.G
EMV-K.3/4.STO.1.M20.G
HIP
HIP.3/4.AG
HIP-K
HIP-K.3/4.AG
EMV-K
EMV-K.3/4.AG
HIP
HIP.3/4.SGF
HIP-K
HIP-K.3/4.SGF
EMV-K
EMV-K.3/4.SGF
1-1102600-5
0-1106408-1
2-1102600-5
0-1106408-2
0-1106408-3
4-1102700-5
0-1106402-2
0-1106402-3
1-1102603-5
2-1102603-5
4-1102703-5
1-1102602-5
2-1102602-5
4-1102702-5
Bestelltext
Designation
Bestell-Nr.
Order No.
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
54
51
M4x22
32
M3x8
M/PG
ø21
M4
41
41
51
22
32
4,3
M3x8
22
22
4
PG
11
11
11
Sockelgehäuse: Kabeleingang unten (durch Montageausschnitt)
Surface mounted housing: Bottom entry (by panel cut-out)
ø20
41
M4
51
41
31
4
M3x8
38 48
4,3
38
Steckergehäuse: Kabeleingang oben
Hood: Top entry
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M16
M16
M20
M16
M20
Bezeichnung
Description
Montageausschnitt/Panel cut-out 21 x 21
Montageausschnitt/Panel cut-out ø 20


유사한 부품 번호 - 4-1105100-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-1105300-1 TEC-4-1105300-1 Datasheet
112Kb / 1P
   ECR-08-023312
4-1105301-1 TEC-4-1105301-1 Datasheet
112Kb / 1P
   ECR-08-023312
4-1105653-8 TEC-4-1105653-8 Datasheet
275Kb / 1P
   ECR-17-006155
More results

유사한 설명 - 4-1105100-2

제조업체부품명데이터시트상세설명
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com