전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1105100-2 데이터시트(PDF) 92 Page - List of Unclassifed Manufacturers

부품명 4-1105100-2
상세설명  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-1105100-2 데이터시트(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button 4-1105100-2 Datasheet HTML 88Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 89Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 90Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 91Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 92Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 93Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 94Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 95Page - List of Unclassifed Manufacturers 4-1105100-2 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
90
HB.10, HB-K.10, HD.24, HD-K.24, Gehäuse/Housings
Baugröße/Size 4
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Verschlussbügel am Oberteil/Locking clip at hood
IP 65
HB.1O.STS-VS.1.16.G
HB.10.STS-VS.1.M25.G
HB-K.10.STS-VS.1.16.G
HB-K.10.STS-VS.1.M25.G
HD.24.STS-VS.1.21.G
HD.24.STS-VS.1.29.G
HD.24.STS-VS.1.M25.G
HD.24.STS-VS.1.M32.G
HD-K.24.STS-VS.1.21.G
HD-K.24.STS-VS.1.29.G
HD-K.24.STS-VS.1.M32.G
HB-KF.1O.STS-VS.1.16.G
HB-KF.1O.STS-VS.1.M25.G
HB-KF/K.1O.STS-VS.1.16.G
HB-KF/K.1O.STS-VS.1.M25.G
HB.1O.STO-VS.1.16.G
HB.10.STO-VS.1.M25.G
HB-K.10.STO-VS.1.16.G
HB-K.10.STO-VS.1.M25.G
HD.24.STO-VS.1.29.G
HD.24.STO-VS.1.M32.G
HD-K.24.STO-VS.1.21.G
HD-K.24.STO-VS.1.29.G
HD-K.24.STO-VS.1.M32.G
1-1102261-1
0-1106430-6
2-1102261-1
1-1106430-2
1-1102496-1
1-1102499-1
1-1106434-5
0-1106434-3
2-1102496-1
2-1102499-1
0-1106434-6
1-1102211-1
0-1106431-3
2-1102211-1
0-1106431-7
1-1102267-1
0-1106430-3
2-1102267-1
0-1106430-9
1-1102505-1
0-1106434-3
2-1102502-1
2-1102505-1
0-1106434-9
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
16
21
29
21
29
16
16
16
16
29
21
29
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
M25
M25
M32
M32
M25
M25
M25
M25
M32
M32
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description
57
43
25
73
M/PG
Steckergehäuse: Kabeleingang seitlich, Standard Bauform
Hood: Side entry, Standard construction
1-1102496-1
25
73
57
43
M/PG
Steckergehäuse: Kabeleingang seitlich,Hohe Bauform
Hood: Side entry, High construction
1-1102267-1
25
73
57
43
M/PG
Steckergehäuse: Kabeleingang oben, Standard Bauform
Hood: Top entry, Standard construction
1-1102502-1
25
73
57
43
M/PG
Steckergehäuse: Kabeleingang oben, Hohe Bauform
Hood: Top entry, High construction
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
M/PG
63
43
25
73
Steckergehäuse: Kabeleingang seitlich, Keilform
Hood: Side entry, Standard construction


유사한 부품 번호 - 4-1105100-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-1105300-1 TEC-4-1105300-1 Datasheet
112Kb / 1P
   ECR-08-023312
4-1105301-1 TEC-4-1105301-1 Datasheet
112Kb / 1P
   ECR-08-023312
4-1105653-8 TEC-4-1105653-8 Datasheet
275Kb / 1P
   ECR-17-006155
More results

유사한 설명 - 4-1105100-2

제조업체부품명데이터시트상세설명
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com