전자부품 데이터시트 검색엔진 |
|
4-1825059-2 데이터시트(PDF) 12 Page - Tyco Electronics |
|
4-1825059-2 데이터시트(HTML) 12 Page - Tyco Electronics |
12 / 30 page Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com 11 Switches MP Series I Caps in different colours up to 4 Break before Make No MPE: splash proof (meets IP65) THT, Panel mount, Wire lug Optional caps for MPA, MPE No 6 A @ 120 Vac, 3 A @ 250 Vac 50,000 ops. -20…+80°C 13 x 8.1...22.5 x 14...17.3 mm Bulk TP Series I Miniature I Dual actuator available 1 or 2 Break before Make right angle and vertical right angle Process sealed optional THT, Wire lug, different bushing styles round, rectangular Yes Gold: 20 mA @ 20 Vdc Silver: 1 A @ 125 Vac, 28 Vdc 100,000 ops. -30…+65°C 8.1 x 5.2 x 8.1 mm Bulk Push Buttons Push buttons Number of poles Contact timing Right angle versions Sealing Mounting style Actuator style Flush actuator versions Contact rating Electrical endurance Operating temperature range Dimensions case (LxWxH) Packaging |
유사한 부품 번호 - 4-1825059-2 |
|
유사한 설명 - 4-1825059-2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |