전자부품 데이터시트 검색엔진 |
|
HCPL-0201 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-0201 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED |
3 / 18 page 3 Ordering Information HCPL-2201, HCPL-2202, HCPL-2211, HCPL-2212, HCPL-2231, HCPL-2232, HCPL-0201, HCPL-0211 are UL Recognized with 3750 Vrms for 1 minute per UL1577. HCNW2201 and HCNW2211 are UL Recognized with 5000 Vrms for 1 minute per UL1577. All devices listed above are approved under CSA Component Acceptance Notice #5, File CA 88324. Part number Option Package Surface Mount Gull Wing Tape & Reel UL 5000 Vrms/ 1 Minute rating IEC/EN/DIN EN 60747-5-2 Quantity RoHS Compliant Non RoHS Compliant HCPL-2201 HCPL-2202 HCPL-2211 HCPL-2212 -000E No option 300mil DIP-8 50 per tube -300E -300 X X 50 per tube -500E -500 X X X 1000 per reel -060E -060 X 50 per tube -360E -360 X X X 50 per tube -560E -560 X X X X 1000 per reel HCPL-2231 HCPL-2232 -000E No option 50 per tube -300E -300 X X 50 per tube -500E -500 X X X 1000 per reel HCPL-0201 HCPL-0211 -000E No option SO-8 X 100 per tube -500E -500 X X 1500 per reel -060E -060 X X 100 per tube -560E -560 X X X 1500 per reel HCNW2201 HCNW2211 -000E No option 400mil Widebody DIP-8 X X 42 per tube -300E -300 X X X X 42 per tube -500E -500 X X X X X 750 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-2202-560E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-2 Safety Approval in RoHS compliant. Example 2: HCPL-2202 to order product of 300mil DIP package in tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and RoHS compliant option will use ‘-XXXE‘. |
유사한 부품 번호 - HCPL-0201 |
|
유사한 설명 - HCPL-0201 |