전자부품 데이터시트 검색엔진 |
|
1-1393224-3 데이터시트(PDF) 1 Page - Tyco Electronics |
|
1-1393224-3 데이터시트(HTML) 1 Page - Tyco Electronics |
1 / 4 page 05-2013, Rev. 0513 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 SCHRACK General Purpose Relays PCB Relays Miniature Power PCB RYII & RYII Reflow Solderable n 1 pole 8A, 1 form C (CO) or 1 form A (NO) or 1 form B (NC) contact n Low component height 12.3mm n 5kV/8mm coil-contact n Reinforced insulation (protection class II) n Pinnings: 3.2mm and 5mm n Reflow-solderable version n Especially suitable for resistive and inductive loads on form A (NO) and form B (NC) contacts n Plastic materials according to IEC 60335-11) (domestic appliances) Typical applications heating control, interface technology, domestic appliances, timers, temperature control 1) not available as reflow-solderable version Approvals VDE REG.-Nr. 5358, UL E214025 Technical data of approved types on request Contact Data Contact arrangement 1 form C (CO) or 1 form A (NO) or 1 form B (NC) Rated voltage 250VAC Max. switching voltage 400VAC Rated current 8A Breaking capacity max. 2000VA Contact material AgNi0.15, AgSnO2 Frequency of operation, with/without load 6/1200min-1 Operate/release time max. 9/5ms Bounce time max., form A/form B 6/10ms Contact ratings Type Contact Load Cycles IEC61810 RY531 A (NO) 8A, 250VAC, 70°C 100x103 RY211 A (NO) 8A, 250VAC, 70°C 75x103 RY211 B (NC) 8A, 250VAC, 70°C 50x103 UL508 RY211 A/B (NO/NC) 10A, 250VAC, general purpose, 70°C 30x103 RY211 A (NO) 1/2hp, 240VAC, 85°C 30x103 RY211 A/B (NO/NC) B300, 70°C 6x103 EN60730-1 RY211 A/B (NO/NC) 6(4)A, 250VAC, 85°C 100x103 RY211 A (NO) 8(4)A, 250VAC, 75°C 100x103 Mechanical endurance, DC coil 30x106 operations Coil Data Coil voltage range 5 to 60VDC Operative range, IEC 61810 2 Coil versions, DC coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW 005 5 3.5 0.5 112 223 006 6 4.2 0.6 162 222 009 9 6.3 0.9 320 253 012 12 8.4 1.2 627 230 024 24 16.8 2.4 2350 245 048 48 33.6 4.8 9391 245 060 60 42.0 6.0 14000 257 All figures are given for coil without pre-energization, at ambient temperature +23°C Other coil voltages on request Insulation Data Initial dielectric strength between open contacts 1000Vrms between contact and coil 5000Vrms Clearance/creepage between contact and coil ≥8/8mm Material group of insulation parts IIIa Tracking index of relay base PTI250 reflow-solderable version PTI175 F0142-E Z |
유사한 부품 번호 - 1-1393224-3 |
|
유사한 설명 - 1-1393224-3 |