전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87220-0 데이터시트(PDF) 94 Page - Tyco Electronics

부품명 4-87220-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87220-0 데이터시트(HTML) 94 Page - Tyco Electronics

Back Button 4-87220-0 Datasheet HTML 88Page - Tyco Electronics 4-87220-0 Datasheet HTML 89Page - Tyco Electronics 4-87220-0 Datasheet HTML 90Page - Tyco Electronics 4-87220-0 Datasheet HTML 91Page - Tyco Electronics 4-87220-0 Datasheet HTML 92Page - Tyco Electronics 4-87220-0 Datasheet HTML 93Page - Tyco Electronics 4-87220-0 Datasheet HTML 94Page - Tyco Electronics 4-87220-0 Datasheet HTML 95Page - Tyco Electronics 4-87220-0 Datasheet HTML 96Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
178
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Receptacle Assemblies, Single-Row,
.100 [2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze,
plated as follows:
Plating A — Duplex .000030 [0.00076]
gold on contact area, .000150-.000300
[0.00381-0.00762] matte tin on solder
area all over .000050 [0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] matte tin on solder
leads, all over .000050 [0.00127] nickel
Related Product Data
Mateable Headers —
Refer to the Mating Post Selection
Guide — page 90
Performance Characteristics —
page 174
Technical Documents — page 276
Product Specification
108-25022
Application Specification
114-25018
Additional receptacle assembly
sizes are available; minimum order
quantities may apply. Consult
Tyco Electronics.
Closed Top Entry,
End Stackable, Low Profile
with Single Tine Contacts
.245
[6.22]
A
.100±.003
[2.54±0.08]
.148
[3.76]
.107
[2.72]
(Localized
Gold Plate
Area)
.125
[3.18]
Ref.
B
Recommended PC Board Hole Layout
(for .062 [1.57] thick PC board)
.020
[0.51]
(Standoffs)
.140
[3.56]
.100
[2.54]
No. of
Dimensions
Contact Plating/Part Nos.
Pos.
A
B
Plating A
Plating B
Plating C
3
.300 [7.62]
.200 [5.08]
5-535541-1
5-146138-1
5-535584-3
4
.400 [10.16]
.300 [7.62]
5-535541-2
5-146138-2
5-535584-4
5
.500 [12.70]
.400 [10.16]
5-535541-3
5-146138-3
5-535584-5
6
.600 [15.24]
.500 [12.70]
5-535541-4
5-146138-4
5-535584-1
7
.700 [17.78]
.600 [15.24]
5-535541-5
5-146138-5
5-535584-6
8
.800 [20.32]
.700 [17.78]
5-535541-6
5-146138-6
5-535584-7
9
.900 [22.86]
.800 [20.32]
5-535541-7
5-146138-7
5-535584-8
10
1.000 [25.40]
.900 [22.86]
5-535541-8
5-146138-8
5-535584-9
11
1.100 [27.94]
1.000 [25.40]
5-535541-9
5-146138-9
6-535584-0
12
1.200 [30.48]
1.100 [27.94]
6-535541-0
6-146138-0
6-535584-1
13
1.300 [33.02]
1.200 [30.48]
6-535541-1
6-146138-1
6-535584-2
14
1.400 [35.56]
1.300 [33.02]
6-535541-2
6-146138-2
6-535584-3
15
1.500 [38.10]
1.400 [35.56]
6-535541-3
6-146138-3
6-535584-4
16
1.600 [40.64]
1.500 [38.10]
6-535541-4
6-146138-4
6-535584-5
17
1.700 [43.18]
1.600 [40.64]
6-535541-5
6-146138-5
6-535584-6
18
1.800 [45.72]
1.700 [43.18]
6-535541-6
6-146138-6
5-535584-2
19
1.900 [48.26]
1.800 [45.72]
6-535541-7
6-146138-7
6-535584-7
20
2.000 [50.80]
1.900 [48.26]
6-535541-8
6-146138-8
6-535584-8
30
3.000 [76.20]
2.900 [73.66]
7-535541-9
7-146138-9
6-535584-9
40
4.000 [101.60]
3.900 [99.06]
8-535541-9
8-146138-9
7-535584-0
Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with select gold plated receptacle
assemblies.
2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to
the maximum point-of-contact dimension.
.050
[1.27]
Max.
Typ.
.035±.003
[0.88±0.08]
Dia.
Typ.
X
X
Section XX
Point of
Contact


유사한 부품 번호 - 4-87220-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

유사한 설명 - 4-87220-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com