전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1470731-0 데이터시트(PDF) 27 Page - Tyco Electronics

부품명 4-1470731-0
상세설명  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1470731-0 데이터시트(HTML) 27 Page - Tyco Electronics

Back Button 4-1470731-0 Datasheet HTML 23Page - Tyco Electronics 4-1470731-0 Datasheet HTML 24Page - Tyco Electronics 4-1470731-0 Datasheet HTML 25Page - Tyco Electronics 4-1470731-0 Datasheet HTML 26Page - Tyco Electronics 4-1470731-0 Datasheet HTML 27Page - Tyco Electronics 4-1470731-0 Datasheet HTML 28Page - Tyco Electronics 4-1470731-0 Datasheet HTML 29Page - Tyco Electronics 4-1470731-0 Datasheet HTML 30Page - Tyco Electronics 4-1470731-0 Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.25 mm, FFC Connector,
Vertical
Lead Free
84534
Technical Documents
Product Specification — 108-51021
Part Number
No. of Contacts
Dimension
EF
G
H
84534-4
4
6.40
6.25
8.75
3.75
.251
.246
.344
.147
84534-5
5
7.65
7.50
10.00
5.00
.301
.295
.393
.196
84534-6
6
8.90
8.75
11.25
6.25
.350
.344
.442
.246
84534-7
7
10.15
10.00
12.50
7.50
.399
.393
.492
.295
84534-8
8
11.40
11.25
13.75
8.75
.448
.442
.541
.344
84534-9
9
12.65
12.50
15.00
10.00
.498
.492
.590
.393
1-84534-0
10
13.90
13.75
16.25
11.25
.547
.541
.639
.442
1-84534-1
11
15.15
15.00
17.50
12.50
.596
.590
.688
.492
1-84534-2
12
16.40
16.25
18.75
13.75
.645
.639
.738
.541
1-84534-3
13
17.65
17.50
20.00
15.00
.694
.688
.787
.590
1-84534-4
14
18.90
18.75
21.25
16.25
.744
.738
.836
.639
1-84534-5
15
20.15
20.00
22.50
17.50
.793
.787
.885
.688
1-84534-6
16
21.40
21.25
23.75
18.75
.842
.836
.935
.738
1-84534-7
17
22.65
22.50
25.00
20.00
.891
.885
.984
.787
1-84534-8
18
23.90
23.75
26.25
21.25
.940
.935
1.033
.836
1-84534-9
19
25.15
25.00
27.50
22.50
.990
.984
1.082
.885
2-84534-0
20
26.40
26.25
28.75
23.75
1.039
1.033
1.131
.935
2-84534-1
21
27.65
27.50
30.00
25.00
1.088
1.082
1.181
.984
2-84534-2
22
28.90
28.75
31.25
26.25
1.137
1.131
1.230
1.033
2-84534-3
23
30.15
30.00
32.50
27.50
1.187
1.181
1.279
1.082
2-84534-4
24
31.40
31.25
33.75
28.75
1.236
1.230
1.328
1.131
2-84534-5
25
32.65
32.50
35.00
30.00
1.285
1.279
1.377
1.181
2-84534-6
26
33.90
33.75
36.25
31.25
1.334
1.328
1.427
1.230
2-84534-7
27
35.15
35.00
37.50
32.50
1.383
1.377
1.476
1.279
2-84534-8
28
36.40
36.25
38.75
33.75
1.433
1.427
1.525
1.328
2-84534-9
29
37.65
37.50
40.00
35.00
1.482
1.476
1.574
1.377
3-84534-0
30
38.90
38.75
41.25
36.25
1.531
1.525
1.624
1.427
3-84534-1
31
40.15
40.00
42.50
37.50
1.580
1.574
1.673
1.476
3-84534-2
32
41.40
41.25
43.75
38.75
1.629
1.624
1.722
1.525
3-84534-3
33
42.65
42.50
45.00
40.00
1.679
1.673
1.771
1.574
3-84534-4
34
43.90
43.75
46.25
41.25
1.728
1.722
1.820
1.624
3-84534-5
35
45.15
45.00
47.50
42.50
1.777
1.771
1.870
1.673
3-84534-6
36
46.40
46.25
48.75
43.75
1.826
1.820
1.919
1.722
3-84534-7
37
47.65
47.50
50.00
45.00
1.875
1.870
1.968
1.771
3-84534-8
38
48.90
48.75
51.25
46.25
1.925
1.919
2.017
1.820
3-84534-9
39
50.15
50.00
52.50
47.50
1.974
1.968
2.066
1.870
4-84534-0
40
51.40
51.25
53.75
48.75
2.023
2.017
2.116
1.919


유사한 부품 번호 - 4-1470731-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-1470731-0 MACOM-4-1470731-0 Datasheet
643Kb / 32P
   FPC Connector Family
More results

유사한 설명 - 4-1470731-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com