전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD871SE 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 AD871SE
상세설명  MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AD871SE 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD871SE Datasheet HTML 4Page - List of Unclassifed Manufacturers AD871SE Datasheet HTML 5Page - List of Unclassifed Manufacturers AD871SE Datasheet HTML 6Page - List of Unclassifed Manufacturers AD871SE Datasheet HTML 7Page - List of Unclassifed Manufacturers AD871SE Datasheet HTML 8Page - List of Unclassifed Manufacturers AD871SE Datasheet HTML 9Page - List of Unclassifed Manufacturers AD871SE Datasheet HTML 10Page - List of Unclassifed Manufacturers AD871SE Datasheet HTML 11Page - List of Unclassifed Manufacturers AD871SE Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94686
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
A
SHEET
10
DSCC FORM 2234
APR 97
TABLE II. Electrical test requirements.
Test requirements
Subgroups
(in accordance with
MIL-STD-883,
method 5005, table I)
Subgroups
(in accordance with
MIL-PRF-38535, table III)
Device
class M
Device
class Q
Device
class V
Interim electrical
parameters (see 4.2)
1
1
1
Final electrical
parameters (see 4.2)
1,2,3,9,10,11
1/
1,2,3,9,
1/
10,11
1,2,3,9,
1/
10,11
Group A test
requirements (see 4.4)
1,2,3,9,10,11
1,2,3,9,
10,11
1,2,3,9,
10,11
Group C end-point electrical
parameters (see 4.4)
1
1
1,2,3,9,
10,11
Group D end-point electrical
parameters (see 4.4)
1
1
1,2,3,9,
10,11
Group E end-point electrical
parameters (see 4.4)
----
----
----
1/ PDA applies to subgroup 1.
4.4.3 Group D inspection. The group D inspection end-point electrical parameters shall be as specified in table II herein.
4.4.4 Group E inspection. Group E inspection is required only for parts intended to be marked as radiation hardness
assured (see 3.5 herein).
a.
End-point electrical parameters shall be as specified in table II herein.
b.
For device classes Q and V, the devices or test vehicle shall be subjected to radiation hardness assured tests as
specified in MIL-PRF-38535 for the RHA level being tested. For device class M, the devices shall be subjected to
radiation hardness assured tests as specified in MIL-PRF-38535, appendix A for the RHA level being tested. All
device classes must meet the postirradiation end-point electrical parameter limits as defined in table I at
TA = +25
°C ±5°C, after exposure, to the subgroups specified in table II herein.
c.
When specified in the purchase order or contract, a copy of the RHA delta limits shall be supplied.
5. PACKAGING
5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38535 for device
classes Q and V or MIL-PRF-38535, appendix A for device class M.
6. NOTES
6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications
(original equipment), design applications, and logistics purposes.
6.1.1 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor
prepared specification or drawing.
6.1.2 Substitutability. Device class Q devices will replace device class M devices.
6.2 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated with the users of record for
the individual documents. This coordination will be accomplished using DD Form 1692, Engineering Change Proposal.


유사한 부품 번호 - AD871SE

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD871SE AD-AD871SE Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
More results

유사한 설명 - AD871SE

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD871 AD-AD871 Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
logo
List of Unclassifed Man...
AD7547JRZ ETC-AD7547JRZ Datasheet
134Kb / 12P
   MICROCIRCUIT, LIINEAR, DUAL, CMOS, 12-BIT, D/A CONVERTER, MONOLITHIC SILICON
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224 Datasheet
309Kb / 24P
   Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com