전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5-144223-0 데이터시트(PDF) 4 Page - Tyco Electronics

부품명 5-144223-0
상세설명  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

5-144223-0 데이터시트(HTML) 4 Page - Tyco Electronics

  5-144223-0 Datasheet HTML 1Page - Tyco Electronics 5-144223-0 Datasheet HTML 2Page - Tyco Electronics 5-144223-0 Datasheet HTML 3Page - Tyco Electronics 5-144223-0 Datasheet HTML 4Page - Tyco Electronics 5-144223-0 Datasheet HTML 5Page - Tyco Electronics 5-144223-0 Datasheet HTML 6Page - Tyco Electronics 5-144223-0 Datasheet HTML 7Page - Tyco Electronics 5-144223-0 Datasheet HTML 8Page - Tyco Electronics 5-144223-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Product Specification
108-78140
Rev. A8
4 of 41
4.
MATERIAL
Per
the
drawings.
5.
DIMENSION
AND
CONFIGURATION
Per
the
drawings.
6.
RATING
Connector
Allowable
Current
(Allowable
maximum
temperature
in
the
vicinity
of
the
contacting
point
is
150℃)
Item
Rating
&
Condition
Current
Refer
to
the
table
below
Voltage
250V
(AC,DC)
Temperature
-40~+125℃
Wire
Conductor
0.5~1.25m㎡
Insulation
Cover
φ1.6~φ2.2
(A)
Ambient
Temperature
Measurement
Set-up
(℃)
60
80
100
125
(Wire
Size
All
positions
active
7
6
5
3
0.85m㎡
min.)
Only
single
position
active
15
13
11
6


유사한 부품 번호 - 5-144223-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
5-1440000-0 TEC-5-1440000-0 Datasheet
324Kb / 2P
   OMI-SS-D/L Customer Drawing
5-1440000-1 TEC-5-1440000-1 Datasheet
324Kb / 2P
   OMI-SS-D/L Customer Drawing
5-1440000-2 TEC-5-1440000-2 Datasheet
300Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
5-1440000-3 TEC-5-1440000-3 Datasheet
324Kb / 2P
   OMI-SS-D/L Customer Drawing
5-1440000-4 TEC-5-1440000-4 Datasheet
324Kb / 2P
   OMI-SS-D/L Customer Drawing
More results

유사한 설명 - 5-144223-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com