전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87224-0 데이터시트(PDF) 31 Page - Tyco Electronics

부품명 4-87224-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87224-0 데이터시트(HTML) 31 Page - Tyco Electronics

Back Button 4-87224-0 Datasheet HTML 27Page - Tyco Electronics 4-87224-0 Datasheet HTML 28Page - Tyco Electronics 4-87224-0 Datasheet HTML 29Page - Tyco Electronics 4-87224-0 Datasheet HTML 30Page - Tyco Electronics 4-87224-0 Datasheet HTML 31Page - Tyco Electronics 4-87224-0 Datasheet HTML 32Page - Tyco Electronics 4-87224-0 Datasheet HTML 33Page - Tyco Electronics 4-87224-0 Datasheet HTML 34Page - Tyco Electronics 4-87224-0 Datasheet HTML 35Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
115
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
PageHead_12_HelvCdBd (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Standard Profile Headers—Shrouded, Single-Row,
.100 [2.54] Centerline
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
C
Plating A
Plating B
Plating C
3
.420 [10.67]
.340 [8.64]
.200 [5.08]
5-103414-1
8-102202-4
5-103080-1
4
.520 [13.21]
.440 [11.18]
.300 [7.62]
5-103414-2
5-102202-1
5-103080-2
5
.620 [15.75]
.540 [13.72]
.400 [10.16]
5-103414-3
5-102202-2
5-103080-3
6
.720 [18.29]
.640 [16.26]
.500 [12.70]
5-103414-4
5-102202-3
5-103080-4
7
.820 [20.83]
.740 [18.80]
.600 [15.24]
5-103414-5
5-102202-4
5-103080-5
8
.920 [23.37]
.840 [21.34]
.700 [17.78]
5-103414-6
5-102202-5
5-103080-6
9
1.020 [25.91]
.940 [23.88]
.800 [20.32]
5-103414-7
5-102202-6
5-103080-7
10
1.120 [28.45]
1.040 [26.42]
.900 [22.86]
5-103414-8
5-102202-7
5-103080-8
11
1.220 [30.99]
1.140 [28.96]
1.000 [25.40]
5-103414-9
5-102202-8
5-103080-9
12
1.320 [33.53]
1.240 [31.50]
1.100 [27.94]
6-103414-0
5-102202-9
6-103080-0
13
1.420 [36.07]
1.340 [34.04]
1.200 [30.48]
6-103414-1
6-102202-0
6-103080-1
14
1.520 [38.61]
1.440 [36.58]
1.300 [33.02]
6-103414-2
6-102202-1
6-103080-2
15
1.620 [41.15]
1.540 [39.12]
1.400 [35.56]
6-103414-3
6-102202-2
6-103080-3
16
1.720 [43.69]
1.640 [41.66]
1.500 [38.10]
6-103414-4
6-102202-3
6-103080-4
17
1.820 [46.23]
1.740 [44.20]
1.600 [40.64]
6-103414-5
6-102202-4
6-103080-5
18
1.920 [48.77]
1.840 [46.74]
1.700 [43.18]
6-103414-6
6-102202-5
6-103080-6
19
2.020 [51.31]
1.940 [49.28]
1.800 [45.72]
6-103414-7
6-102202-6
6-103080-7
20
2.120 [53.85]
2.040 [51.82]
1.900 [48.26]
6-103414-8
6-102202-7
6-103080-8
21
2.220 [56.39]
2.140 [54.36]
2.000 [50.80]
6-103414-9
6-102202-8
6-103080-9
22
2.320 [58.93]
2.240 [56.90]
2.100 [53.34]
7-103414-0
6-102202-9
7-103080-0
23
2.420 [61.47]
2.340 [59.44]
2.200 [55.88]
7-103414-1
7-102202-0
7-103080-1
24
2.520 [64.01]
2.440 [61.98]
2.300 [58.42]
7-103414-2
7-102202-1
7-103080-2
25
2.620 [66.55]
2.540 [64.52]
2.400 [60.96]
7-103414-3
7-102202-2
7-103080-3
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Phosphor bronze, plated as
follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area,
.000100-.000200 [0.00254-0.00508] tin
on solder area, with entire post under-
plated .000050 [0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area,
.000100-.000200 [0.00254-0.00508] tin
on solder area, with entire post under-
plated .000050 [0.00127] nickel
Plating C — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel on entire post
Related Product Data
Mateable Connectors —
AMPMODU Wire-Applied
Receptacles — page 215
AMPMODU MTE Receptacles —
pages 228, 229, 234
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
C
.100*
[2.54]
Typ.
.035±.003
[0.89±0.08]
Dia. Typ.
B
.549
[13.94]
.110
[2.79]
Typ.
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.025 [0.64] Square
Straight Post (with Standoffs)
A
C
.214
[5.44]
.100
[2.54]
Typ.
.134
[3.40]
.013
[0.33]
(Standoffs)
.070
[1.78]
Typ.
.040
[1.02]
Typ.
.219
[5.56]
.200
[5.08]
Ref.
(Contact Area)
.130
[3.30]
.240
[6.10]
.330
[8.38]


유사한 부품 번호 - 4-87224-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

유사한 설명 - 4-87224-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com