전자부품 데이터시트 검색엔진 |
|
OP-16AH883 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers |
|
OP-16AH883 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 14 page STANDARD MICROCIRCUIT DRAWING SIZE A 5962-89543 DLA LAND AND MARITIME COLUMBUS, OHIO 43218-3990 REVISION LEVEL C SHEET 7 DSCC FORM 2234 APR 97 TABLE I. Electrical performance characteristics – Continued. Test Symbol Conditions 1/ 2/ 3/ -55 °C ≤ TA ≤ +125°C unless otherwise specified Group A subgroups Device type Limits Unit Min Max Power supply rejection 4/ ratio PSRR+ V+ = +10 V to +18 V, 1 04 86 dB V- = -15 V 2,3 85 PSRR- V- = -10 V to -18 V, 1 86 V+ = +15 V 2,3 85 Output short circuit 4/ current ISC+ 1 04 -42 -2 mA ISC- 2 42 Slew rate 4/ SR AVCL = +1 V 7 01,04 18.0 V/ µs 8a 10.0 7 02 12.0 8a 7.0 7 03 9.0 8a 5.0 Gain bandwidth product 4/ GBW TA = +25°C, fO = 100 kHz 7 01,04 5.5 MHz 02 4.0 03 3.0 Power dissipation 4/ PD VO = 0 V, TA = +25°C 1 01,02, 04 210 mW 03 240 Settling time tS 6/ 9,10 All 4 µs 1/ Unless otherwise specified VS = ±15 V, RS = 50 Ω. 2/ Devices supplied to this drawing meet all levels M, D, P, L, and R of irradiation however this device is only tested at the R level. Pre and post irradiation values are identical unless otherwise specified in table I. When performing post irradiation electrical measurements for any RHA level, TA = +25°C. 3/ These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified in MIL-STD-883, method 1019. 4/ This parameter not tested post irradiation. 5/ Subgroup 3 is guaranteed if not tested. 6/ Subgroup 10 is guaranteed if not tested. |
유사한 부품 번호 - OP-16AH883 |
|
유사한 설명 - OP-16AH883 |