전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-338063-0 데이터시트(PDF) 54 Page - Tyco Electronics

부품명 4-338063-0
상세설명  Products for Mobile Equipment
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-338063-0 데이터시트(HTML) 54 Page - Tyco Electronics

Back Button 4-338063-0 Datasheet HTML 50Page - Tyco Electronics 4-338063-0 Datasheet HTML 51Page - Tyco Electronics 4-338063-0 Datasheet HTML 52Page - Tyco Electronics 4-338063-0 Datasheet HTML 53Page - Tyco Electronics 4-338063-0 Datasheet HTML 54Page - Tyco Electronics 4-338063-0 Datasheet HTML 55Page - Tyco Electronics 4-338063-0 Datasheet HTML 56Page - Tyco Electronics 4-338063-0 Datasheet HTML 57Page - Tyco Electronics 4-338063-0 Datasheet HTML 58Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
STAX™ Elastomeric Connectors for COG LCDs
Products for Mobile Equipment
Connectors
Catalog 1654270-2
Revised 8-2007
All specifications subject to change. Consult Tyco Electronics for latest specifications.
52
STAX™ Elastomeric
Connectors for COG LCDs
Features
• Easily customized.
• Connects display glass or flex
circuit to PCB.
• Inhibits movement of the con-
tact interface during vibration.
• Stable electrical performance
over a wide working range of
deflection.
• Can accommodate glass-to-
board separations of as little as
0.25 mm.
• Applications engineering sup-
port from Tyco Electronics to
incorporate STAX elastomeric
connectors into your product.
Support includes board layout,
slot definition, alignment and
compression.
• In-molded sub assemblies can
be created to combine LCD
connector with backlighting
connection while providing
orientation features.
Physical Properties
Height:
0.5–12.7 mm (.020
″–.500″)
Minimum Pad Pitch:
0.50 mm (.020
″)
Conductor Width:
0.064 mm (.0025
″)
Conductor Pitch:
0.127 mm (.005
″)
Typical Electrical Properties
Contact Resistance: See chart
Dielectric Constant: 3.1
Insulation Resistance:
1012 Ω min
Dielectric Withstanding Voltage1):
1000 V without breakdown or arcing
Current Carrying Capacity: 1 Amp
Environmental Parameters
Operating Temperature:
–40 ºC to +125 ºC
Moisture: 0 to 100% RH
Technical Documents
Engineering Test Report:
TR 341
Low resistance STAX elastomeric connectors are the best means of connecting to Chip-on-Glass
and other types of LCD modules. Gold STAX and STAX LD elastomeric connectors are easily
customized without the tooling charges and lead times typically found with stamped contacts
and molded insulators. They can be retained in a slot incorporated into the light guide that allows
for automatic placement of the light guide subassembly.
STAX connectors provide a gasket-like contact interface to the
ITO traces thereby sealing the interface from the environment.
At the same time, the compliant sealing properties of the silicone
elastomeric connector maintain intimate conformal contact to
the ITO surface.
STAX connectors have proven reliability in COG LCD displays for cell phone units – numbering in
the hundreds of millions.
STAX LD – Force vs Deflection vs Resistance Curve
Gold STAX – Force vs Deflection vs Resistance Curve


유사한 부품 번호 - 4-338063-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-338088-3 TEC-4-338088-3 Datasheet
379Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

유사한 설명 - 4-338063-0

제조업체부품명데이터시트상세설명
logo
Kyocera Kinseki Corpota...
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB KSS-ST3215SB Datasheet
105Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
logo
Mitsumi Electronics, Co...
DCA-PXXX MITSUMI-DCA-PXXX Datasheet
47Kb / 2P
   Internal TV Antenna for Mobile Equipment
logo
SAMWHA ELECTRIC
CPI2016NHL1R0ME SAMWHA-CPI2016NHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL1R0ME SAMWHA-CPI2520NLL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3216SHL1R0ME SAMWHA-CPI3216SHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3225NLL1R0ME SAMWHA-CPI3225NLL1R0ME Datasheet
109Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI1608NHQ1R0MT SAMWHA-CPI1608NHQ1R0MT Datasheet
106Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NHL1R0ME SAMWHA-CPI2520NHL1R0ME Datasheet
110Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2012NHL1R0ME SAMWHA-CPI2012NHL1R0ME Datasheet
112Kb / 1P
   DC-DC converter circuits for mobile equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com