전자부품 데이터시트 검색엔진 |
|
ADC10664CIWMX-NOPB 데이터시트(PDF) 3 Page - Texas Instruments |
|
ADC10664CIWMX-NOPB 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 22 page ADC10662, ADC10664 www.ti.com SNAS076E – JUNE 1999 – REVISED MARCH 2013 Absolute Maximum Ratings (1) (2) (3) Supply Voltage (V+ = AVCC = DVCC) −0.3V to +6V Voltage at Any Input or Output −0.3V to V+ + 0.3V Input Current at Any Pin(4) 5 mA Package Input Current(4) 20 mA Power Dissipation(5) 875 mW ESD Susceptibility(6) 2000V N Package (10 Sec) 260°C Soldering Information Vapor Phase (60 Sec) 215°C SOIC Package Infrared (15 Sec) 220°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C (1) All voltages are measured with respect to GND, unless otherwise specified. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional. These ratings do not ensure specific performance limits, however. For ensured specifications and test conditions, see the Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (3) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (4) When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < GND or VIN > V +) the absolute value of current at that pin should be limited to 5 mA or less. The 20 mA package input current limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four. (5) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. In most cases, the maximum derated power dissipation will be reached only during fault conditions. For these devices, TJMAX for a board-mounted device can be found in Package Thermal Resistance. (6) Human body model, 100 pF discharged through a 1.5 k Ω resistor. Operating Ratings (1) (2) Temperature Range TMIN ≤ TA ≤ TMAX = −40°C ≤ TA ≤ +85°C Supply Voltage Range +4.5V to +5.5V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional. These ratings do not ensure specific performance limits, however. For ensured specifications and test conditions, see the Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) All voltages are measured with respect to GND, unless otherwise specified. Package Thermal Resistance Device θJA (°C/W) ADC10662CIWM 82 ADC10664CIWM 78 Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: ADC10662 ADC10664 |
유사한 부품 번호 - ADC10664CIWMX-NOPB |
|
유사한 설명 - ADC10664CIWMX-NOPB |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |