전자부품 데이터시트 검색엔진 |
|
LM25011MYX 데이터시트(PDF) 5 Page - Texas Instruments |
|
LM25011MYX 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 27 page LM25011, LM25011-Q1 www.ti.com SNVS617G – APRIL 2009 – REVISED FEBRUARY 2013 ELECTRICAL CHARACTERISTICS (continued) Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply: VIN = 12V, RT = 50 kΩ. Symbol Parameter Conditions Min Typ Max Unit Thermal Shutdown TSD Thermal shutdown Junction temperature increasing 155 °C Thermal shutdown hysteresis 20 °C Thermal Resistance θJA Junction to Ambient, 0 LFPM Air Flow(1) 48 °C/W θJC Junction to Case(1) 10 °C/W (1) JEDEC test board description can be found in JESD 51-5 and JESD 51-7. Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM25011 LM25011-Q1 |
유사한 부품 번호 - LM25011MYX |
|
유사한 설명 - LM25011MYX |