전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2904AVQDRG4Q1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2904AVQDRG4Q1
상세설명  DUAL OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2904AVQDRG4Q1 데이터시트(HTML) 1 Page - Texas Instruments

  LM2904AVQDRG4Q1 Datasheet HTML 1Page - Texas Instruments LM2904AVQDRG4Q1 Datasheet HTML 2Page - Texas Instruments LM2904AVQDRG4Q1 Datasheet HTML 3Page - Texas Instruments LM2904AVQDRG4Q1 Datasheet HTML 4Page - Texas Instruments LM2904AVQDRG4Q1 Datasheet HTML 5Page - Texas Instruments LM2904AVQDRG4Q1 Datasheet HTML 6Page - Texas Instruments LM2904AVQDRG4Q1 Datasheet HTML 7Page - Texas Instruments LM2904AVQDRG4Q1 Datasheet HTML 8Page - Texas Instruments LM2904AVQDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2904-Q1
DUAL OPERATIONAL AMPLIFIER
SLOS414F − MAY 2003 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 500 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Low Supply-Current Drain Independent of
Supply Voltage . . . 0.7 mA Typ
D Common-Mode Input Voltage Range
Includes Ground, Allowing Direct Sensing
Near Ground
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage:
− Non-V Devices . . .
±26 V
− V-Suffix Devices...
±32 V
D Low Input Bias and Offset Parameters:
− Input Offset Voltage ...3 mV Typ
− Input Offset Current ...2 nA Typ
− Input Bias Current . . . 20 nA Typ
D Open-Loop Differential Voltage
Amplification . . . 100 V/mV Typ
D Internal Frequency Compensation
description/ordering information
This device consists of two independent, high-gain, frequency-compensated operational amplifiers designed
to operate from a single supply over a wide range of voltages. Operation from split supplies is possible as long
as the difference between the two supplies is 3 V to 26 V (3 V to 32 V for V-suffix devices), and VCC is at least
1.5 V more positive than the input common-mode voltage. The low supply-current drain is independent of the
magnitude of the supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational
amplifier circuits that now can be implemented more easily in single-supply-voltage systems. For example,
these devices can be operated directly from the standard 5-V supply used in digital systems and easily provide
the required interface electronics without additional
±5-V supplies.
The LM2904Q is manufactured to demanding automotive requirements.
ORDERING INFORMATION{
TA
VIOmax
AT 25
°C
MAX VCC
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
7 mV
26 V
SOIC (D)
Tape and reel
LM2904QDRQ1
2904Q1
7 mV
26 V
TSSOP (PW)
Tape and reel
LM2904QPWRQ1
2904Q1
40
°C to 125°C
7 mV
32 V
SOIC (D)
Tape and reel
LM2904VQDRQ1
2904VQ1
−40
°C to 125°C
7 mV
32 V
TSSOP (PW)
Tape and reel
LM2904VQPWRQ1
2904VQ1
2 mV
32 V
SOIC (D)
Tape and reel
LM2904AVQDRQ1
2904AVQ
2 mV
32 V
TSSOP (PW)
Tape and reel
LM2904AVQPWRQ1
2904AVQ
For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
D OR PW PACKAGE
(TOP VIEW)


유사한 부품 번호 - LM2904AVQDRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2904AVQDRG4Q1 TI1-LM2904AVQDRG4Q1 Datasheet
243Kb / 11P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER
LM2904AVQDRG4Q1 TI1-LM2904AVQDRG4Q1 Datasheet
1Mb / 28P
[Old version datasheet]   industry-standard dual operational amplifiers for automotive applications
LM2904AVQDRG4Q1 TI1-LM2904AVQDRG4Q1 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904AVQDRG4Q1 TI-LM2904AVQDRG4Q1 Datasheet
2Mb / 37P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904AVQDRG4Q1 TI-LM2904AVQDRG4Q1 Datasheet
2Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
More results

유사한 설명 - LM2904AVQDRG4Q1

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com