전자부품 데이터시트 검색엔진 |
|
DAC7554IDGSRG4 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
DAC7554IDGSRG4 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 24 page www.ti.com ABSOLUTE MAXIMUM RATINGS DAC7554 SLAS399A – OCTOBER 2004 – REVISED NOVEMBER 2004 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION SPECIFIED PACKAGE PACKAGE ORDERING TRANSPORT PRODUCT PACKAGE TEMPERATURE DESIGNATOR MARKING NUMBER MEDIA RANGE DAC7554IDGS 80-piece Tube DAC7554 10 MSOP DGS –40 °C TO 105°C D754 DAC7554IDGSR 2500-piece Tape and Reel over operating free-air temperature range (unless otherwise noted)(1) UNIT VDD to GND –0.3 V to 6 V Digital input voltage to GND –0.3 V to VDD + 0.3 V Vout to GND –0.3 V to VDD+ 0.3 V Operating temperature range –40 °C to 105°C Storage temperature range –65 °C to 150°C Junction temperature (TJ Max) 150 °C (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. 2 |
유사한 부품 번호 - DAC7554IDGSRG4 |
|
유사한 설명 - DAC7554IDGSRG4 |