전자부품 데이터시트 검색엔진 |
|
MC3487DRE4 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
MC3487DRE4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 16 page MC3487 QUADRUPLE DIFFERENTIAL LINE DRIVER SLLS098C − MAY 1980 − REVISED FEBRUARY 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN MAX UNIT VIK Input clamp voltage II = −18 mA −1.5 V VOH High-level output voltage VIL = 0.8 V, VIH = 2 V, IOH = −20 mA 2.5 V VOL Low-level output voltage VIL = 0.8 V, VIH = 2 V, IOL = 48 mA 0.5 V |VOD| Differential output voltage RL = 100 Ω, See Figure 1 2 ∆|VOD| Change in magnitude of † RL = 100 Ω, See Figure 1 ±0.4 V ∆|VOD| Change in magnitude of differential output voltage† RL = 100 Ω, See Figure 1 ±0.4 V VOC Common-mode output voltage‡ RL = 100 Ω, See Figure 1 3 V ∆|VOC| Change in magnitude of † RL = 100 Ω, See Figure 1 ±0.4 V ∆|VOC| Change in magnitude of common-mode output voltage† RL = 100 Ω, See Figure 1 ±0.4 V IO Output current with power off VCC = 0 VO = 6 V 100 A IO Output current with power off VCC = 0 VO = −0.25 V −100 µA IOZ High-impedance-state output current Output enables at 0.8 V VO = 2.7 V 100 A IOZ High-impedance-state output current Output enables at 0.8 V VO = 0.5 V −100 µA II Input current at maximum input voltage VI = 5.5 V 100 µA IIH High-level input current VI = 2.7 V 50 µA IIL Low-level input current VI = 0.5 V −400 µA IOS Short-circuit output current § VI = 2 V −40 −140 mA ICC Supply current (all drivers) Outputs disabled 105 mA ICC Supply current (all drivers) Outputs enabled, No load 85 mA † ∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low level. ‡ In ANSI Standard TIA/EIA-422-B, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage, VOS. § Only one output at a time should be shorted, and duration of the short circuit should not exceed one second. switching characteristics over recommended operating free-air temperature range, VCC = 5 V PARAMETER TEST CONDITIONS MIN MAX UNIT tPLH Propagation delay time, low- to high-level output CL = 15 pF, See Figure 2 20 ns tPHL Propagation delay time, high- to low-level output CL = 15 pF, See Figure 2 20 ns tsk Skew time CL = 15 pF, See Figure 2 6 ns tt(OD) Differential-output transition time CL = 15 pF, See Figure 3 20 ns tPZH Output enable time to high level CL = 50 pF, See Figure 4 30 ns tPZL Output enable time to low level CL = 50 pF, See Figure 4 30 ns tPHZ Output disable time from high level CL = 50 pF, See Figure 4 25 ns tPLZ Output disable time from low level CL = 50 pF, See Figure 4 30 ns |
유사한 부품 번호 - MC3487DRE4 |
|
유사한 설명 - MC3487DRE4 |