전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABTH25245DWR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ABTH25245DWR
상세설명  25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH25245DWR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ABTH25245DWR Datasheet HTML 1Page - Texas Instruments SN74ABTH25245DWR Datasheet HTML 2Page - Texas Instruments SN74ABTH25245DWR Datasheet HTML 3Page - Texas Instruments SN74ABTH25245DWR Datasheet HTML 4Page - Texas Instruments SN74ABTH25245DWR Datasheet HTML 5Page - Texas Instruments SN74ABTH25245DWR Datasheet HTML 6Page - Texas Instruments SN74ABTH25245DWR Datasheet HTML 7Page - Texas Instruments SN74ABTH25245DWR Datasheet HTML 8Page - Texas Instruments SN74ABTH25245DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54ABTH25245, SN74ABTH25245
25-
Ω OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS251F – JUNE 1992 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ABTH25245
SN74ABTH25245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
A port
VCC = 4.75 V,
IOH = –3 mA
2.7
2.7
A port
VCC = 4.5 V,
IOH = –80 mA
2.4
2.4
VOH
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
V
B port
VCC = 5 V,
IOH = –3 mA
3
3
VCC = 4.5 V,
IOH = –32 mA
2*
2
A port
VCC =4 5V
IOL = 94 mA
0.55
0.55
VOL
A port
VCC = 4.5 V
IOL = 188 mA
0.7
0.7
V
B port
VCC = 4.5 V,
IOL = 64 mA
0.55*
0.55
Vhys
100
100
mV
II
Control inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
µA
II
A or B ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
±20
µA
II(h ld) AorB ports
VCC =4 5V
VI = 0.8 V
100
100
µA
II(hold) A or B ports
VCC = 4.5 V
VI = 2 V
–100
–100
µA
IOZPU‡
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
IOZPD‡
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
50
50
µA
IO§
B port
VCC = 5.5 V,
VO = 2.5 V
–50
–210
–50
–210
mA
VCC = 5.5 V,
Outputs high
500
500
µA
ICC
VCC = 5.5 V,
Outputs open,
Outputs low
20
20
mA
VI = VCC or GND
Outputs disabled
500
500
µA
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1
1
mA
Ci
Control inputs
VCC = 5 V,
VI = VCC or GND
4
4
pF
Cio
A or B ports
VCC = 5 V,
VO = VCC or GND
11.5
11.5
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is characterized, but not production tested.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - SN74ABTH25245DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABTH25245DW TI-SN74ABTH25245DW Datasheet
130Kb / 8P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABTH25245DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABTH25245 TI-SN54ABTH25245 Datasheet
130Kb / 8P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT25245 TI1-SN54BCT25245_09 Datasheet
270Kb / 7P
[Old version datasheet]   25-OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com