전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT1G02DBVR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT1G02DBVR
상세설명  SINGLE 2-INPUT POSITIVE-NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT1G02DBVR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74AHCT1G02DBVR Datasheet HTML 4Page - Texas Instruments SN74AHCT1G02DBVR Datasheet HTML 5Page - Texas Instruments SN74AHCT1G02DBVR Datasheet HTML 6Page - Texas Instruments SN74AHCT1G02DBVR Datasheet HTML 7Page - Texas Instruments SN74AHCT1G02DBVR Datasheet HTML 8Page - Texas Instruments SN74AHCT1G02DBVR Datasheet HTML 9Page - Texas Instruments SN74AHCT1G02DBVR Datasheet HTML 10Page - Texas Instruments SN74AHCT1G02DBVR Datasheet HTML 11Page - Texas Instruments SN74AHCT1G02DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74AHCT1G02DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
SN74AHCT1G02DBVR
SOT-23
DBV
5
3000
202.0
201.0
28.0
SN74AHCT1G02DBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
SN74AHCT1G02DBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
SN74AHCT1G02DCKR
SC70
DCK
5
3000
180.0
180.0
18.0
SN74AHCT1G02DCKT
SC70
DCK
5
250
180.0
180.0
18.0
SN74AHCT1G02DCKT
SC70
DCK
5
250
180.0
180.0
18.0
PACKAGE MATERIALS INFORMATION
www.ti.com
31-Oct-2013
Pack Materials-Page 2


유사한 부품 번호 - SN74AHCT1G02DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
More results

유사한 설명 - SN74AHCT1G02DBVR

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com