전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL5002IDR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TL5002IDR
상세설명  PULSE-SIDTH-MODULATION CONTROL CIRCUIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL5002IDR 데이터시트(HTML) 1 Page - Texas Instruments

  TL5002IDR Datasheet HTML 1Page - Texas Instruments TL5002IDR Datasheet HTML 2Page - Texas Instruments TL5002IDR Datasheet HTML 3Page - Texas Instruments TL5002IDR Datasheet HTML 4Page - Texas Instruments TL5002IDR Datasheet HTML 5Page - Texas Instruments TL5002IDR Datasheet HTML 6Page - Texas Instruments TL5002IDR Datasheet HTML 7Page - Texas Instruments TL5002IDR Datasheet HTML 8Page - Texas Instruments TL5002IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TL5002
PULSEWIDTHMODULATION CONTROL CIRCUIT
SLVS304A − SEPTEMBER 2000 − REVISED AUGUST 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Complete PWM Power Control
D 3.6-V to 40-V Operation
D Internal Undervoltage-Lockout Circuit
D Oscillator Frequency...20 kHz to 500 kHz
D Variable Dead Time Provides Control Over
Total Range
D Ideal Controller for DDR Memory
Application
D Uncommitted Error Amplifier Inputs
description
The TL5002 incorporates on a single monolithic chip all the functions required for a pulse-width-modulation
(PWM) control circuit. Designed primarily for power-supply control, the TL5002 contains an error amplifier, a
regulator, an oscillator, a PWM comparator with a dead-time-control input, undervoltage lockout (UVLO), and
an open-collector output transistor.
The error-amplifier input common-mode voltage ranges from 0.9 V to 1.5 V. Dead-time control (DTC) can be
set to provide 0% to 100% dead time by connecting an external resistor between DTC and GND. The oscillator
frequency is set by terminating RT with an external resistor to GND. During low VCC conditions, the UVLO circuit
turns the output off until VCC recovers to its normal operating range.
The TL5002 is characterized for operation from − 40
°C to 85°C.
AVAILABLE OPTIONS
TA
SMALL OUTLINE
(D)
−20
°C to 85°C
TL5002CD
−40
°C to 85°C
TL5002ID
The D package is available taped and reeled. Add the suffix R
to the device type (e.g., TL5002CDR).
functional block diagram
GND
8
OUT
COMP
INV
3
4
+
DTC
RT
6
7
PWM/DTC
Comparator
OSC
Amplifier
Error
UVLO
VCC
2
1
Reference
Voltage
IDT
2.5 V
5
NI
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
OUT
VCC
COMP
INV
GND
RT
DTC
NI
D PACKAGE
(TOP VIEW)


유사한 부품 번호 - TL5002IDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL5002ID TI-TL5002ID Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18