전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2825 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2825
상세설명  High Speed PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2825 데이터시트(HTML) 6 Page - Texas Instruments

Back Button UC2825 Datasheet HTML 2Page - Texas Instruments UC2825 Datasheet HTML 3Page - Texas Instruments UC2825 Datasheet HTML 4Page - Texas Instruments UC2825 Datasheet HTML 5Page - Texas Instruments UC2825 Datasheet HTML 6Page - Texas Instruments UC2825 Datasheet HTML 7Page - Texas Instruments UC2825 Datasheet HTML 8Page - Texas Instruments UC2825 Datasheet HTML 9Page - Texas Instruments UC2825 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
UC1825
UC2825
UC3825
Oscillator Circuit
Timing Resistance vs Frequency
80
100
120
140
160
10k
100k
470pF
1.0nF
1M
FREQ (Hz)
Deadtime vs Frequency
Synchronized Operation
Two Units in Close Proximity
Generalized Synchronization
Deadtime vs CT (3k RT 100k)


유사한 부품 번호 - UC2825

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2825 TI-UC2825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC2825 TI-UC2825 Datasheet
1Mb / 8P
[Old version datasheet]   High Speed PWM Controller
UC2825 TI1-UC2825 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825 TI1-UC2825 Datasheet
910Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A TI-UC2825A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results

유사한 설명 - UC2825

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com