전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2825N 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2825N
상세설명  High Speed PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2825N 데이터시트(HTML) 4 Page - Texas Instruments

  UC2825N Datasheet HTML 1Page - Texas Instruments UC2825N Datasheet HTML 2Page - Texas Instruments UC2825N Datasheet HTML 3Page - Texas Instruments UC2825N Datasheet HTML 4Page - Texas Instruments UC2825N Datasheet HTML 5Page - Texas Instruments UC2825N Datasheet HTML 6Page - Texas Instruments UC2825N Datasheet HTML 7Page - Texas Instruments UC2825N Datasheet HTML 8Page - Texas Instruments UC2825N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
UC1825
UC2825
UC3825
UC1825
UC3825
PARAMETERS
TEST CONDITIONS
UC2825
MIN
TOP
MAX
MIN
TOP
MAX
UNITS
PWM Comparator Section
Pin 7 Bias Current
VPIN 7 = 0V
-1
-5
-1
-5
µA
Duty Cycle Range
0
80
0
85
%
Pin 3 Zero DC Threshold
VPIN 7 = 0V
1.1
1.25
1.1
1.25
V
Delay to Output*
50
80
50
80
ns
Soft-Start Section
Charge Current
VPIN 8 = 0.5V
3
9
20
3
9
20
µA
Discharge Current
VPIN 8 = 1V
1
1
mA
Current Limit / Shutdown Section
Pin 9 Bias Current
0 < VPIN 9 < 4V
15
10
µA
Current Limit Threshold
0.9
1.0
1.1
0.9
1.0
1.1
V
Shutdown Threshold
1.25
1.40
1.55
1.25
1.40
1.55
V
Delay to Output
50
80
50
80
ns
Output Section
Output Low Level
IOUT = 20mA
0.25
0.40
0.25
0.40
V
IOUT = 200mA
1.2
2.2
1.2
2.2
V
Output High Level
IOUT = -20mA
13.0
13.5
13.0
13.5
V
IOUT = -200mA
12.0
13.0
12.0
13.0
V
Collector Leakage
VC = 30V
100
500
10
500
µA
Rise/Fall Time*
CL = 1nF
30
60
30
60
ns
Under-Voltage Lockout Section
Start Threshold
8.8
9.2
9.6
8.8
9.2
9.6
V
UVLO Hysteresis
0.4
0.8
1.2
0.4
0.8
1.2
V
Supply Current Section
Start Up Current
VCC = 8V
1.1
2.5
1.1
2.5
mA
ICC
VPIN 1, VPIN 7, VPIN 9 = 0V; VPIN 2 = 1V
22
33
22
33
mA
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for , RT = 3.65k, CT = 1nF, VCC
= 15V, -55
°C<TA<125°C for the UC1825, –40°C<TA<85°C for the UC2825, and 0°C<TA<70°C for the UC3825, TA=TJ.


유사한 부품 번호 - UC2825N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2825N TI-UC2825N Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC2825N TI1-UC2825N Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825N TI1-UC2825N Datasheet
910Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825NG4 TI-UC2825NG4 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC2825NG4 TI1-UC2825NG4 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results

유사한 설명 - UC2825N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com