전자부품 데이터시트 검색엔진 |
|
TL431IPG 데이터시트(PDF) 5 Page - ON Semiconductor |
|
TL431IPG 데이터시트(HTML) 5 Page - ON Semiconductor |
5 / 18 page TL431, A, B Series, NCV431A, B http://onsemi.com 5 IK Vref VKA Input Figure 1. Test Circuit for VKA = Vref Input IK R2 Iref Vref VKA R1 Figure 2. Test Circuit for VKA > Vref V KA + V ref 1 ) R1 R2 ) I ref S R1 Ioff Input VKA Figure 3. Test Circuit for Ioff -1.0 IMin 200 400 VKA, CATHODE VOLTAGE (V) -200 0 0 1.0 2.0 3.0 800 600 -2.0 -1.0 0 -100 1.0 2.0 3.0 150 50 VKA, CATHODE VOLTAGE (V) 0 -50 Figure 4. Cathode Current versus Cathode Voltage Figure 5. Cathode Current versus Cathode Voltage Input 100 VKA = Vref TA = 25°C IK VKA 125 TA, AMBIENT TEMPERATURE (°C) 3.0 100 50 75 -55 0 2.5 0.5 2.0 1.0 25 0 -25 1.5 2600 2580 2560 2540 2520 2500 2480 2460 VKA = Vref IK = 10 mA TA, AMBIENT TEMPERATURE (°C) VKA IK -55 Input Vref 75 100 125 2440 050 Figure 6. Reference Input Voltage versus Ambient Temperature Figure 7. Reference Input Current versus Ambient Temperature 2420 2400 25 -25 Input IK IK = 10 mA Iref 10k VKA Vref Max = 2550 mV Vref Typ = 2495 mV Vref Min = 2440 mV VKA = Vref TA = 25°C Input VKA IK |
유사한 부품 번호 - TL431IPG |
|
유사한 설명 - TL431IPG |