전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN54045 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN54045
상세설명  USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54045 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN54045 Datasheet HTML 1Page - Fairchild Semiconductor FAN54045 Datasheet HTML 2Page - Fairchild Semiconductor FAN54045 Datasheet HTML 3Page - Fairchild Semiconductor FAN54045 Datasheet HTML 4Page - Fairchild Semiconductor FAN54045 Datasheet HTML 5Page - Fairchild Semiconductor FAN54045 Datasheet HTML 6Page - Fairchild Semiconductor FAN54045 Datasheet HTML 7Page - Fairchild Semiconductor FAN54045 Datasheet HTML 8Page - Fairchild Semiconductor FAN54045 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN54040
– FAN54047 • Rev. 1.0.2
4
Pin Configuration
Figure 3. Top View
Figure 4. Bottom View
Pin Definitions
Pin #
Name
Description
A1
SDA
I
2C Interface Serial Data. This pin should not be left floating.
B1
SCL
I
2C Interface Serial Clock. This pin should not be left floating.
C1
DIS
Disable. If this pin is held HIGH, Q1 and Q3 are turned off, creating a HIGH Z condition at VBUS and
the PWM converter is disabled.
D1
STAT
Status. Open-drain output indicating charge status. The IC pulls this pin LOW when charge is in
progress; can be used to signal the host processor when a fault condition occurs.
E1
POK_B
Power OK (FAN54040-2). Open-drain output that pulls LOW when VBUS is plugged in and the battery
has risen above VLOWV. This signal is used to signal the host processor that it can begin to draw
significant current.
E1
ILIM
Input Current Limit (FAN54045-7). Controls input current limit in Auto-Charge Mode. When LOW, input
current is limited to 100 mA maximum. When HIGH, input current is limited to 500 mA. In 32-Second
Mode, the input current limit is set by the IBUSLIM bits.
A2
– D2
PGND
Power Ground. Power return for gate drive and power transistors. The connection from this pin to the
bottom of CMID should be as short as possible.
E2
AGND
Analog Ground. All IC signals are referenced to this node.
A3
– C3
SW
Switching Node. Connect to output inductor.
D3
– E3
SYS
System Supply. Output voltage of the switching charger and input to the power path controller. Bypass
SYS to PGND with a 10
μF capacitor.
A4
– C4
PMID
Power Input Voltage. Power input to the charger regulator, bypass point for the input current sense.
Bypass with a minimum of a 4.7
F, 6.3 V capacitor to PGND.
D4
– E4
VBAT
Battery Voltage. Connect to the positive (+) terminal of the battery pack. Bypass with a 10
F capacitor
to PGND. VBAT is a power path connection.
A5
– B5
VBUS
Charger Input Voltage and USB-OTG output voltage. Bypass with a 1
F capacitor to PGND.
C5
GATE
External MOSFET Gate. This pin controls the gate of an external P-channel MOSFET transistor used to
augment the internal ideal diode. The source of the P-channel MOSFET should be connected to SYS
and the drain should be connected to VBAT.
D5
NTC
Thermistor input. The IC compares this node with taps on a resistor divider from REF to inhibit auto-
charging when the battery temperature is outside of permitted fast-charge limits.
E5
REF
Reference Voltage. REF is a 1.8 V regulated output.
REF
NTC
PGND
GATE
DIS
STAT
SCL
SDA
POK_B
SYS
VBAT
SW
PMID
VBUS
AGND
A1
A2
A3
A4
A5
B1
B3
B2
B4
B5
C1
C3
C2
C4
C5
D1
D3
D2
D4
D5
E1
E3
E2
E4
E5
C1
B1
A1
C5
B5
A5
A4
C4
D1
D5
D4
B4
E1
E5
E4
C3
B3
A3
A2
C2
D3
D2
B2
E3
E2


유사한 부품 번호 - FAN54045

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN54045 ONSEMI-FAN54045 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
FAN54045UCX ONSEMI-FAN54045UCX Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
More results

유사한 설명 - FAN54045

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
FAN54063 ONSEMI-FAN54063 Datasheet
1Mb / 38P
   High Efficiency, 1.55 A, Li-Ion Switching Charger with Integrated Power Path, USB-OTG, in a Small Solution Size
January, 2019 ??Rev. 2
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Texas Instruments
BQ24262 TI-BQ24262_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
BQ24261M TI-BQ24261M_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com