전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL02S2405A 데이터시트(PDF) 3 Page - Delta Electronics, Inc.

부품명 DL02S2405A
상세설명  3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DL02S2405A 데이터시트(HTML) 3 Page - Delta Electronics, Inc.

  DL02S2405A Datasheet HTML 1Page - Delta Electronics, Inc. DL02S2405A Datasheet HTML 2Page - Delta Electronics, Inc. DL02S2405A Datasheet HTML 3Page - Delta Electronics, Inc. DL02S2405A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_DL03S/D_07182012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P3
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not
damage these modules; however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter
⇔ 0.5 ±0.05 (0.02±0.002)
Physical Outline
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
:
phosphor bronze
Weight
:
12.2g
Bottom View
2
23
15.24 [0.60]
31.8[1.25]
5.08
[0.20]
22
3
11
9
16
14
4.5
[0.18]
2.54
[0.10]
0.50 [0.02]


유사한 부품 번호 - DL02S2405A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DL0165R FAIRCHILD-DL0165R Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
logo
Eaton All Rights Reserv...
DL03 EATON-DL03 Datasheet
40Kb / 2P
   Eaton Crouse-Hinds series
logo
Delta Electronics, Inc.
DL03D2412A DELTA-DL03D2412A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03D2415A DELTA-DL03D2415A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03D4812A DELTA-DL03D4812A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

유사한 설명 - DL02S2405A

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S2403A DELTA-DF04S2403A Datasheet
220Kb / 5P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S DELTA-DF04S Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com