전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZ01S0503A 데이터시트(PDF) 2 Page - Delta Electronics, Inc.

부품명 DZ01S0503A
상세설명  2W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ01S0503A 데이터시트(HTML) 2 Page - Delta Electronics, Inc.

  DZ01S0503A Datasheet HTML 1Page - Delta Electronics, Inc. DZ01S0503A Datasheet HTML 2Page - Delta Electronics, Inc. DZ01S0503A Datasheet HTML 3Page - Delta Electronics, Inc. DZ01S0503A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_DC02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
7.5
12V Input Models
-0.7
---
15
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.5
A
Short Circuit Input Power
---
---
2000
mW
Internal Power Dissipation
---
---
2000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±2.0
±4.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±2.0
±4.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=10% to 100%
---
±0.5
±1.0
%
Ripple & Noise (20MHz)
---
30
50
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
100
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Temperature Coefficient
---
±0.01
±0.02
%/
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
6000
---
---
VDC
I/O Isolation Test Voltage
Flash tested for 1 Second
8000
---
---
VPK
Leakage Current
240VAC, 60Hz
---
---
2
uA
I/O Isolation Resistance
500 VDC
10
---
---
GΩ
I/O Isolation Capacitance
100KHz, 1V
---
20
30
pF
Switching Frequency
25
---
80
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground Benign
600,000
---
---
Hours
Recommended Input Fuse
5V Input Models
12V Input Models
24V Input Models
1000mA Slow-Blow Type
500mA Slow-Blow Type
250mA Slow-Blow Type
Environmental Characteristics
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range
(with Derating)
Ambient
-25
+75
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature
(1.5mm from case for 10Sec.)
---
260
P2


유사한 부품 번호 - DZ01S0503A

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
DZ01S0503A DELTA-DZ01S0503A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S0503A DELTA-DZ01S0503A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DZ01S0503A DELTA-DZ01S0503A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S0503A DELTA-DZ01S0503A Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DZ01S0503A DELTA-DZ01S0503A Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
More results

유사한 설명 - DZ01S0503A

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DC02S0505A DELTA-DC02S0505A Datasheet
200Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
SG02S DELTA-SG02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DM03S DELTA-DM03S Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03S0505A DELTA-DM03S0505A Datasheet
218Kb / 5P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com