전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZ01D1203A 데이터시트(PDF) 2 Page - Delta Electronics, Inc.

부품명 DZ01D1203A
상세설명  3W DC/DC CONVERTER, DIP-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ01D1203A 데이터시트(HTML) 2 Page - Delta Electronics, Inc.

  DZ01D1203A Datasheet HTML 1Page - Delta Electronics, Inc. DZ01D1203A Datasheet HTML 2Page - Delta Electronics, Inc. DZ01D1203A Datasheet HTML 3Page - Delta Electronics, Inc. DZ01D1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_DE03S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
11
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
5V Input Models
3.5
4
4.5
12V Input Models
4.5
7
9
24V Input Models
8
12
18
Start-Up Voltage
48V Input Models
16
24
36
5V Input Models
---
3.5
4
12V Input Models
---
6.5
8.5
24V Input Models
---
11
17
Under Voltage Shutdown
48V Input Models
---
22
34
VDC
Reverse Polarity Input Current
---
---
1
A
Input Filter
Pi Filter
Short Circuit Input Power
---
1000
2000
mW
Internal Power Dissipation
All Models
---
---
2500
mW
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.2
±0.5
%
Load Regulation
Io=10% to 100%
---
±0.2
±0.5
%
Ripple & Noise (20MHz)
---
45
60
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
100
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
---
300
500
uS
Transient Response Deviation
50% Load Step Change
---
±3
±5
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
120
TBD
---
%
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
65
100
pF
Switching Frequency
---
300
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(UL certificate), IEC/EN 60950-1
Recommended Input Fuse
5V Input Models
12V Input Models
24V Input Models
48V Input Models
1500mA Slow-Blow Type
700mA Slow-Blow Type
350mA Slow-Blow Type
135mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with
Derating)
Ambient
-25
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for
10Sec.)
---
260
P2


유사한 부품 번호 - DZ01D1203A

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
DZ01D1203A DELTA-DZ01D1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01D1203A DELTA-DZ01D1203A Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
DZ01D1203A DELTA-DZ01D1203A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01D1203A DELTA-DZ01D1203A Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
DZ01D1203A DELTA-DZ01D1203A Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

유사한 설명 - DZ01D1203A

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Delta Electronics, Inc.
DM03S DELTA-DM03S Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300_11 Datasheet
281Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Metal Package
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com