전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3727DWP 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC3727DWP
상세설명  Isolated High Side IGBT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3727DWP 데이터시트(HTML) 4 Page - Texas Instruments

  UC3727DWP Datasheet HTML 1Page - Texas Instruments UC3727DWP Datasheet HTML 2Page - Texas Instruments UC3727DWP Datasheet HTML 3Page - Texas Instruments UC3727DWP Datasheet HTML 4Page - Texas Instruments UC3727DWP Datasheet HTML 5Page - Texas Instruments UC3727DWP Datasheet HTML 6Page - Texas Instruments UC3727DWP Datasheet HTML 7Page - Texas Instruments UC3727DWP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Driver (cont.)
Turn on Clamp Voltage
I(OUT) = -100mA
7
9
11
V
Fault Clamp Voltage
|I(OUT)| = 100mA
8
10
12.5
V
UVLO Saturation to VEE
I(OUT) = 20mA,VCC no connection
2
3
V
Rise and Fall Times
Cl = 1n, CLAMP = VCC, ROUT = 3
Ω (Note 1)
75
150
ns
Turn On Sequence Timer
Clamped Driver Time
(Note 1)
0.4
1
1.7
µs
Blanking Time
(Note 1)
3
5
7
µs
Fault Manager
Clamped Driver Time
(Note 1)
0.4
1
1.7
µs
Fault Lock Off Time
(Note 1)
15
25
35
µs
FRPLY Saturation
I(FRPLY) = 10mA
1.8
3
V
FRPLY Leakage
FRPLY = VCC
010
µA
Desaturation Detection Comparator
Input Offset Voltage (|vio|)
VCM = VEE+2, VCM = VCC-2
0
20
mV
Input Bias Current
−1.5
10
µA
Delay to Output
C(FRC) = 0 (Note 1)
150
ns
Undervoltage Lock Out
VCC Threshold
14
15.5
17
V
VCC Hysteresis
0.35
V
VEE Threshold
−4.5
−5.5
−6.5
V
VEE Hysteresis
0.5
1
1.5
V
Thermal Shutdown
Threshold
Not tested
175
°C
Hysteresis
Not tested
45
°C
Total Standby Current
I(VCC)
24
30
mA
Unless otherwise stated, these specifications apply for TA =
−55°C to 125°C for the
UC1727, TA =
−40°C to 85°C for the UC2727, TA = 0°C to 70°C for the UC3727,
R(TRC) = 54.9k, C(TRC) = 180pF, R(FRC) = 309K, C(FRC) = 200pF, VCC - VEE =
25V, CLAMP = 9V, TA = TJ, and all voltages are measured with respect to COM.
ELECTRICAL CHARACTERISTICS:
APPLICATION INFORMATION
Figure 1 shows the rectification and detection scheme
used in the UC1727 to derive both power and signal infor-
mation from the input waveform. VCC-VEE is generated by
peak detecting the input signal via the internal bridge rec-
tifier and storing it on external capacitors. COM is gener-
ated by an internal amplifier that maintains PVCC-COM =
16.5V.
Signal detection is performed by the internal hysteresis
comparator which senses the polarity of the input signal
as shown in Figure 2. This is accomplished by setting (or
resetting) the comparator only if the input signal exceeds
0.95
VCC-VEE. In some cases it may be necessary to
add a damping resistor across the transformer secondary
to minimize ringing and eliminate false triggering of the
hysteresis comparator as shown in Figure 3.
UC1727
UC2727
UC3727
Figure 1. Input Stage & Bipolar Supply
Note 1: Guaranteed by design, but not 100% tested in production.
4


유사한 부품 번호 - UC3727DWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3727 TI-UC3727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
More results

유사한 설명 - UC3727DWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com