전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC07XSC200EK 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc

부품명 MC07XSC200EK
상세설명  Dual High Side Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSC200EK 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc

  MC07XSC200EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Document Number: MC07XSC200
Rev. 2.0, 9/2013
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2013. All rights reserved.
Dual High Side Switch
(7.0 mOhm)
The 07XSC200 is one in a family of devices designed for low-voltage
lighting or factory automation applications. Its two low RDS(ON)
MOSFETs (dual 7.0 m
) can control two separate 55 W / 28 W bulbs,
and/or Xenon modules, and/or LEDs, and/or DC low voltage motors.
Programming, control and diagnostics are accomplished using a 16-bit
SPI interface. Its output with selectable slew rate improves
electromagnetic compatibility (EMC) behavior. Additionally, each
output has its own parallel input or SPI control for pulse-width
modulation (PWM) control if desired. The 07XSC200 allows the user to
program via the SPI, the fault current trip levels and duration of
acceptable inrush. The device has Fail-safe mode to provide fail-safe
functionality of the outputs in case of MCU damaged.
The 07XSC200 is packaged in a Pb-free power-enhanced 32 pins
SOIC package with exposed tab.
This device is powered by SMARTMOS technology.
Features
•Dual 7.0 m
 max high side switch (at 25 °C)
• Operating voltage range of 6.0 to 20 V with sleep current < 5.0 µA,
extended mode from 4.0 to 28 V
•8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and status reporting with
daisy chain capability
• PWM module using external clock or calibratable internal oscillator
with programmable outputs delay management
• Smart overcurrent shutdown compliant to huge inrush current,
severe short-circuit, overtemperature protections with time limited
auto-retry, and Fail-safe mode, in case of MCU damage
• Output OFF or ON OpenLoad detection compliant to bulbs or LEDs
and short to battery detection. Analog current feedback with
selectable ratio and board temperature feedback.
Figure 1. 07XSC200 Simplified Application Diagram
HIGH SIDE SWITCH
EK SUFFIX PB-FREE
98ASA00368D
32-PIN EXPOSED PAD SOIC
07XSC200
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC07XSC200EK
-40 to 125 °C
32 SOIC
VDD
I/O
I/O
SO
SCLK
CSB
SI
I/O
I/O
I/O
A/D
VPWR
FSB
WAKE
SI
SCLK
CSB
SO
RSTB
IN0
IN1
CSNS
FSI
GND
HS1
HS0
GND
LOAD
LOAD
MCU
VDD
VDD
VDD
VPWR
I/O
CLOCK
07XSC200


유사한 부품 번호 - MC07XSC200EK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
More results

유사한 설명 - MC07XSC200EK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
   Dual High-Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
   Dual USB High Side Power Switch
G526 ETC-G526 Datasheet
89Kb / 6P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com