전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC16XSD200FK 데이터시트(PDF) 6 Page - Freescale Semiconductor, Inc

부품명 MC16XSD200FK
상세설명  Dual 16 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC16XSD200FK 데이터시트(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC16XSD200FK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
16XSD200
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are relative to ground unless mentioned otherwise. Exceeding these ratings may cause permanent damage.
Parameter
Symbol
Maximum ratings
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage Range
Voltage Transient at 25 °C (500 ms)
Reverse Voltage at 25 °C
Fast Negative Transient Pulses (ISO 7637-2 pulse #1, VPWR=14 V & Ri=10 )
VPWR
58
-28
-60
V
VDD Supply Voltage Range
VDD
-0.3 to 5.5
V
Voltage on Input pins(6) (except IN[0:1]) and Output pins(7)) (except HS[0:1])
VMAX,LOGIC(6)
-0.3 to 5.5
V
Voltage on Fail-safe Output (FSOB)
VFSO
-0.3 to 58
V
Voltage on SO pin
VSO
-0.3 to VDD+0.3
V
Voltage (continuous, max. allowable) on IN[0:1] Inputs
VIN,MAX
58
V
Voltage (continuous, max. allowable) on output pins (HS [0:1]),
VHS[0:1]
-28 to 58
V
Rated Continuous Output Current per channel(1)
IHS[0:1]
3.0
A
Maximum allowable energy dissipation per channel and two parallel channels,
single-pulse method(2)
ECL[0:1]_SING
90
mJ
Maximum allowable energy dissipation per channel and two parallel channels,
repetitive-pulses condition. 1(3)
ECL[0:1]_REP1
65
mJ
Maximum allowable energy dissipation per channel and two parallel channels,
repetitive-pulses condition. 2(4)
ECL[0:1]_REP2
65
mJ
ESD Voltage(5)
Human Body Model (HBM) for HS[0:1], VPWR and GND
Human Body Model (HBM) for other pins
Charge Device Model (CDM)
Package Corner pins (1, 13, 19, 20)
All Other pins
VESD1
VESD2
VESD3
VESD4
±8000
±2000
±750
±500
V
Notes:
1.
Output current rating valid as long as maximum junction temperature is not exceeded. For computation of the maximum allowable output
current, the thermal resistance of the package & the underlying heatsink must be taken into account
2.
Single pulse Energy dissipation, Single-pulse short-circuit method (LL = 2.0 mH, R = 30 mVPWR = 28 V, TJ = 150C initial).
3.
Dissipation during repetitive cycles: switch off upon short-circuit (LL = 20 µH, R = 200 mVPWR = 28 V, TJ = 125 C initial, fS<2.0 Hz).
4.
Dissipation during repetitive cycles: switch off upon short-circuit (LL = 40 µH, R = 400 mVPWR = 28 V, TJ = 125 C initial, fS<2.0 Hz).
5.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ), and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
6.
Concerned Input pins are: CONF[0:1], RSTB, SI, SCLK, Clock, and CSB.
7.
Concerned Output pins are: CSNS, SYNC, and FSB.


유사한 부품 번호 - MC16XSD200FK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
More results

유사한 설명 - MC16XSD200FK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com