전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817DS 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BC817DS
상세설명  NPN general purpose double
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC817DS 데이터시트(HTML) 2 Page - NXP Semiconductors

  BC817DS Datasheet HTML 1Page - NXP Semiconductors BC817DS Datasheet HTML 2Page - NXP Semiconductors BC817DS Datasheet HTML 3Page - NXP Semiconductors BC817DS Datasheet HTML 4Page - NXP Semiconductors BC817DS Datasheet HTML 5Page - NXP Semiconductors BC817DS Datasheet HTML 6Page - NXP Semiconductors BC817DS Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2002 Nov 22
2
NXP Semiconductors
Product data sheet
NPN general purpose double transistor
BC817DS
FEATURES
• High current (500 mA)
• 600 mW total power dissipation
• Replaces two SOT23 packaged transistors on same
PCB area.
APPLICATIONS
• General purpose switching and amplification
• Push-pull amplifiers
• Multi-phase stepper motor drivers.
DESCRIPTION
NPN transistor pair in a SOT457 (SC-74) plastic package.
MARKING
TYPE NUMBER
MARKING CODE
BC817DS
N3
PINNING
PIN
DESCRIPTION
1, 4
emitter
TR1; TR2
2, 5
base
TR1; TR2
6, 3
collector
TR1; TR2
handbook, halfpage
13
2
4
5
6
Top view
MAM340
13
2
TR1
TR2
6
4
5
Fig.1
Simplified outline (SOT457) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
45
V
IC
collector current (DC)
500
mA
ICM
peak collector current
1
A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor unless otherwise specified
VCBO
collector-base voltage
open emitter
50
V
VCEO
collector-emitter voltage
open base
45
V
VEBO
emitter-base voltage
open collector
5
V
IC
collector current (DC)
500
mA
ICM
peak collector current
1
A
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
370
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
600
mW


유사한 부품 번호 - BC817DS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC817DS PHILIPS-BC817DS Datasheet
66Kb / 8P
   NPN general purpose double transistor
2002 Nov 22
BC817DS NXP-BC817DS Datasheet
135Kb / 7P
   NPN general purpose double transistor
2002 Nov 22
logo
Shenzhen Luguang Electr...
BC817DS LUGUANG-BC817DS Datasheet
713Kb / 4P
   NPN General Purpose Double Transistor
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
More results

유사한 설명 - BC817DS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
   NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
PEMX1 NEXPERIA-PEMX1 Datasheet
178Kb / 7P
   NPN/NPN general purpose double transistor
29 December 2022
logo
NXP Semiconductors
PEMX1 PHILIPS-PEMX1 Datasheet
47Kb / 8P
   NPN general purpose double transistor
2001 Nov 07
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
   NPN general purpose double transistor
1999 Apr 28
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
   NPN general purpose double transistor
logo
Nexperia B.V. All right...
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
   NPN general-purpose double transistors
Rev. 04 - 18 December 2009
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com