전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA312X 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BTA312X
상세설명  12 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312X 데이터시트(HTML) 4 Page - NXP Semiconductors

  BTA312X Datasheet HTML 1Page - NXP Semiconductors BTA312X Datasheet HTML 2Page - NXP Semiconductors BTA312X Datasheet HTML 3Page - NXP Semiconductors BTA312X Datasheet HTML 4Page - NXP Semiconductors BTA312X Datasheet HTML 5Page - NXP Semiconductors BTA312X Datasheet HTML 6Page - NXP Semiconductors BTA312X Datasheet HTML 7Page - NXP Semiconductors BTA312X Datasheet HTML 8Page - NXP Semiconductors BTA312X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BTA312X_SER_B_C_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 December 2007
4 of 12
NXP Semiconductors
BTA312X series B and C
12 A Three-quadrant triacs high commutation
tp ≤ 20 ms
(1) dIT/dt limit
Fig 3.
Non-repetitive peak on-state current as a function of pulse duration; maximum values
f = 50 Hz
Th =61 °C
Fig 4.
RMS on-state current as a function of surge
duration; maximum values
Fig 5.
RMS on-state current as a function of heatsink
temperature; maximum values
003aab691
10
10
2
10
3
10
-5
10
-4
10
-3
10
-2
10
-1
tp (s)
ITSM
(A)
ITSM
t
IT
Tj(init) = 25 °C max
tp
(1)
003aab681
0
10
20
30
40
50
60
70
80
10
-2
10
-1
1
10
surge duration (s)
IT(RMS)
(A)
003aab679
0
5
10
15
-50
0
50
100
150
Th (°C)
IT(RMS)
(A)


유사한 부품 번호 - BTA312X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312X-600B NXP-BTA312X-600B Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
logo
WeEn Semiconductors
BTA312X-600B WEEN-BTA312X-600B Datasheet
262Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA312X-600C NXP-BTA312X-600C Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
logo
WeEn Semiconductors
BTA312X-600C WEEN-BTA312X-600C Datasheet
262Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA312X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com