전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9331H 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA9331H
상세설명  I2C-bus controlled TV display processors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9331H 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA9331H Datasheet HTML 6Page - NXP Semiconductors TDA9331H Datasheet HTML 7Page - NXP Semiconductors TDA9331H Datasheet HTML 8Page - NXP Semiconductors TDA9331H Datasheet HTML 9Page - NXP Semiconductors TDA9331H Datasheet HTML 10Page - NXP Semiconductors TDA9331H Datasheet HTML 11Page - NXP Semiconductors TDA9331H Datasheet HTML 12Page - NXP Semiconductors TDA9331H Datasheet HTML 13Page - NXP Semiconductors TDA9331H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
2002 Jun 04
10
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV display processors
TDA933xH series
The minimum value for the vertical wait setting is 8 line
periods. If the setting is lower than 8, the wait period will
remain at 8 line periods.
The E-W drive circuit has a single-ended output. The E-W
geometry can be adjusted on the following parameters:
• Horizontal width with increased range because of the
‘zoom’ feature
• E-W parabola/width ratio
• E-W upper corner/parabola ratio
• E-W lower corner/parabola ratio
• E-W trapezium.
The IC has an EHT compensation input which controls
both the vertical and the E-W output signals. The relative
control effect on both outputs can be adjusted via the
I2C-bus (sensitivity of vertical correction is fixed; E-W
correction variable).
To avoid damage to the picture tube in the event of missing
or malfunctioning vertical deflection, a vertical guard
function is available at the sandcastle pin (pin SCO). The
vertical guard pulse from the vertical output stage
(TDA835x) should be connected to the sandcastle pin,
which acts as a current sense input. If the guard pulse is
missing or lasts too long, bit NDF is set in the status
register and the RGB outputs are blanked.
If the guard function is disabled via bit EVG, only status
bit NDF is set.
The IC also has inputs for flash and overvoltage protection.
More details about these functions are given in Chapter
“Characteristics”; note 43.
I2C-BUS SPECIFICATION
The slave address of the IC is given in Table 1. The circuit
operates up to clock frequencies of 400 kHz. Valid
subaddresses: 00 to 1F, subaddress FE is reserved for
test purposes. The auto-increment mode is available for
subaddresses. It should be noted that the status bytes
cannot be addressed separately, they can only be read via
the auto-increment mode.
Table 1
Slave address (8C)
A6
A5
A4
A3
A2
A1
A0
R/W
1000110
1/0


유사한 부품 번호 - TDA9331H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA933XH PHILIPS-TDA933XH Datasheet
230Kb / 56P
   I2C-bus controlled TV display processors
2000 May 08
More results

유사한 설명 - TDA9331H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA933XH PHILIPS-TDA933XH Datasheet
230Kb / 56P
   I2C-bus controlled TV display processors
2000 May 08
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
   I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA9321H PHILIPS-TDA9321H Datasheet
249Kb / 44P
   I2C-bus controlled TV input processor
1998 Dec 16
logo
Integral Corp.
ILA8842 INTEGRAL-ILA8842 Datasheet
159Kb / 14P
   I2C BUS CONTROLLED SINGLE CHIP TV-RECEIVER
logo
KODENSHI_AUK CORP.
KKA8842 KODENSHI-KKA8842 Datasheet
363Kb / 15P
   I2C BUS CONTROLLED SINGLE CHIP TV-RECEIVER
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
List of Unclassifed Man...
NT6828 ETC-NT6828 Datasheet
1Mb / 31P
   I2C Bus Controlled On-Screen Display
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com