전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4011UBM96 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4011UBM96
상세설명  CMOS Quad 2-Input NAND Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD4011UBM96 데이터시트(HTML) 5 Page - Texas Instruments

  CD4011UBM96 Datasheet HTML 1Page - Texas Instruments CD4011UBM96 Datasheet HTML 2Page - Texas Instruments CD4011UBM96 Datasheet HTML 3Page - Texas Instruments CD4011UBM96 Datasheet HTML 4Page - Texas Instruments CD4011UBM96 Datasheet HTML 5Page - Texas Instruments CD4011UBM96 Datasheet HTML 6Page - Texas Instruments CD4011UBM96 Datasheet HTML 7Page - Texas Instruments CD4011UBM96 Datasheet HTML 8Page - Texas Instruments CD4011UBM96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 2


유사한 부품 번호 - CD4011UBM96

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4011UBM96 TI-CD4011UBM96 Datasheet
922Kb / 15P
[Old version datasheet]   CMOS Quad 2-Input NAND Gate
CD4011UBM96 TI1-CD4011UBM96 Datasheet
931Kb / 15P
[Old version datasheet]   CMOS Quad 2-input NAND Gate
More results

유사한 설명 - CD4011UBM96

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4011UBE TI-CD4011UBE Datasheet
922Kb / 15P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND GATE
CD4011UBF TI-CD4011UBF Datasheet
922Kb / 15P
[Old version datasheet]   CMOS Quad 2-Input NAND Gate
CD4011UB TI1-CD4011UB_15 Datasheet
931Kb / 15P
[Old version datasheet]   CMOS Quad 2-input NAND Gate
logo
Intersil Corporation
CD4011BT INTERSIL-CD4011BT Datasheet
29Kb / 3P
   CMOS Quad 2-Input NAND Gate
July 1999
logo
Texas Instruments
CD4011UB TI-CD4011UB Datasheet
200Kb / 4P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com