전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6926DQ 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SI6926DQ
상세설명  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6926DQ 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SI6926DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6926DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6926DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6926DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6926DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
April 2001
2001 Fairchild Semiconductor Corporation
SI6926DQ Rev A(W)
SI6926DQ
Dual N-Channel 2.5V Specified PowerTrench
MOSFET
General Description
This N-Channel 2.5V specified MOSFET is a rugged
gate version of Fairchild's Semiconductor’s advanced
PowerTrench process. It has been optimized for power
management applications with a wide range of gate
drive voltage (2.5V – 12V).
Applications
• Load switch
• Motor drive
• DC/DC conversion
• Power management
Features
• 5.5 A, 20 V.
RDS(ON) = 0.021
Ω @ V
GS = 4.5 V
RDS(ON) = 0.035
Ω @ V
GS = 2.5 V
• Extended V
GSS range (
±12V) for battery applications
• Low gate charge
• High performance trench technology for extremely
low RDS(ON)
• Low profile TSSOP-8 package
D1
S1
S1
G1
D2
S2
S2
G2
TSSOP-8
Pin 1
8
7
6
5
1
2
3
4
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
5.5
A
– Pulsed
30
PD
Power Dissipation
(Note 1a)
1.0
W
(Note 1b)
0.6
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
125
°C/W
(Note 1b)
208
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
6926
SI6926DQ
13’’
12mm
3000 units


유사한 부품 번호 - SI6926DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6926ADQ VISHAY-SI6926ADQ Datasheet
70Kb / 5P
   Dual N-Channel 2.5-V G-S MOSFET
Rev. A, 16-Feb-04
SI6926ADQ VISHAY-SI6926ADQ Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6926ADQ VISHAY-SI6926ADQ Datasheet
230Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6926ADQ-T1-E3 VISHAY-SI6926ADQ-T1-E3 Datasheet
70Kb / 5P
   Dual N-Channel 2.5-V G-S MOSFET
Rev. A, 16-Feb-04
More results

유사한 설명 - SI6926DQ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com