전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6953DQ 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 SI6953DQ
상세설명  Dual 20V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6953DQ 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  SI6953DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6953DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6953DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6953DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6953DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si6953DQ Rev. B (W)
Typical Characteristics
0
2
4
6
8
10
0
123
45
Qg, GATE CHARGE (nC)
ID = -1.9A
VDS = -5V
-15V
-10V
0
50
100
150
200
250
300
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
R
DS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
10ms
1ms
100us
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 125°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA =125 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


유사한 부품 번호 - SI6953DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
SI6954ADQ VISHAY-SI6954ADQ Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6954ADQ-T1-E3 VBSEMI-SI6954ADQ-T1-E3 Datasheet
936Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SI6953DQ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NDS9947 FAIRCHILD-NDS9947_02 Datasheet
141Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
SI6433DQ FAIRCHILD-SI6433DQ Datasheet
137Kb / 5P
   20V P-Channel PowerTrench MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
247Kb / 7P
   Dual P-Channel PowerTrench MOSFET -20V, -3.7A, 72mohm
FDMA1025P FAIRCHILD-FDMA1025P Datasheet
377Kb / 6P
   Dual P-Channel PowerTrench MOSFET -20V, -3.1A, 105mohm
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDG6317NZ FAIRCHILD-FDG6317NZ Datasheet
138Kb / 5P
   Dual 20v N-Channel PowerTrench MOSFET
FDP6021P FAIRCHILD-FDP6021P Datasheet
80Kb / 5P
   20V P-Channel 1.8V Specified PowerTrench MOSFET
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com