전자부품 데이터시트 검색엔진 |
|
SL1021B350 데이터시트(PDF) 2 Page - Littelfuse |
|
SL1021B350 데이터시트(HTML) 2 Page - Littelfuse |
2 / 6 page ©2009 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 20 Revised: November 10, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. SL1021A/B, SL1024A/B and PMT8 Series SL1021A/B, SL1024A/B and PMT8 Series Electrical Characteristics Device Specifications (at 25°C) Life Ratings Part Number* DC Voltage 100V/Sec. DC Voltage 100 V/ μSec. DC Voltage 1kV/ μSec. Capaci- tance (@1Mhz) Insulation Resistance AC Current 50Hz 1Sec.x101 Surge Current 8/20μSec x101 Max Single Surge 8/20μSec1 Max Single Surge 10/350μSec1 Surge Life 10/1000 μSecx3001 MIN TYP MAX MIN SL1021A090 SL1024A090 SL1021B090 SL1024B090 PMT 8 090 72 90 108 500 650 <1.5pF ! DW9 10Amps 10kA2 20kA3 15kA2 25kA3 4kA2 5kA3 200Amps SL1021A145 SL1024A145 SL1021B145 SL1024B145 116 145 174 600 ! DW9 2.5kA2 5kA3 SL1021A150 SL1024A150 SL1021B150 SL1024B150 120 150 180 SL1021A200 150 200 250 SL1021A230 SL1024A230 SL1021B230 SL1024B230 PMT 8 230 184 230 276 450 650 SL1021A250 SL1024A250 SL1021B250 SL1024B250 PMT 8 250 200 250 300 500 SL1021A260 SL1024A260 SL1021B260 SL1024B260 210 260 310 550 700 SL1021A300 SL1024A300 SL1021B300 SL1024B300 240 300 360 650 850 SL1021A350 SL1024A350 SL1021B350 SL1024B350 PMT 8 350 280 350 420 700 900 SL1021A400 SL1024A400 SL1021B400 SL1024B400 PMT 8 400 320 400 480 850 950 SL1021A420 SL1024A420 SL1021B420 SL1024B420 345 420 500 SL1021A450 SL1024A450 SL1021B450 SL1024B450 360 450 540 900 1000 SL1021A500 SL1024A500 SL1021B500 SL1024B500 400 500 600 950 1100 SL1021A600 SL1024A600 480 600 720 1000 1200 NOTES: *Max capacitance is 1.5 pF, measured at 1 MHz. 1. Total current through centre electrode, tested in accordance with ITU-T Rec K.12 2. SL A series 3. SL B series & PMT 8 series |
유사한 부품 번호 - SL1021B350 |
|
유사한 설명 - SL1021B350 |