전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL5501 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 SL5501
상세설명  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5501 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  SL5501 Datasheet HTML 1Page - Fairchild Semiconductor SL5501 Datasheet HTML 2Page - Fairchild Semiconductor SL5501 Datasheet HTML 3Page - Fairchild Semiconductor SL5501 Datasheet HTML 4Page - Fairchild Semiconductor SL5501 Datasheet HTML 5Page - Fairchild Semiconductor SL5501 Datasheet HTML 6Page - Fairchild Semiconductor SL5501 Datasheet HTML 7Page - Fairchild Semiconductor SL5501 Datasheet HTML 8Page - Fairchild Semiconductor SL5501 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6/30/03
Page 5 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
SL5500
SL5501
SL5504
SL5511
VI
0
0
ton
toff
10%
90%
Fig. 2 Waveforms
+VCC
VO
VI
RL
50
Fig. 1 Switching Circuit
VO
Fig. 5 Normalized CTR vs. Ambient Temperature
Fig. 7 CTR vs. RBE (Unsaturated)
Fig. 4 Normalized CTR vs. Forward Current
Fig. 3 LED Forward Voltage vs. Forward Current
FORWARD CURRENT - I F (mA)
05
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE = 5.0V
TA = 25°C
Normalized to
IF = 10mA
I F - LED FORWARD CURRENT (mA)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
T
A= - 55°C
T
A= 25°C
T
A= 100°C
AMBIENT TEMPERATURE - TA (
oC)
-75
-50
-25
0
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized to
IF = 10 mA
TA = 25°C
IF = 5mA
IF = 10mA
IF = 20mA
R
BE - BASE RESISTANCE (kΩ)
10
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20mA
IF = 10mA
IF = 5mA
VCE = 5V, TA = 25°C
Normalized to CTR at RBE = Open


유사한 부품 번호 - SL5501

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SL5501 FAIRCHILD-SL5501 Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501 FAIRCHILD-SL5501 Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501 FAIRCHILD-SL5501 Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

유사한 설명 - SL5501

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com